Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2336P Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336P
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336P Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2336P Datasheet HTML 1Page - Burr-Brown (TI) OPA2336P Datasheet HTML 2Page - Burr-Brown (TI) OPA2336P Datasheet HTML 3Page - Burr-Brown (TI) OPA2336P Datasheet HTML 4Page - Burr-Brown (TI) OPA2336P Datasheet HTML 5Page - Burr-Brown (TI) OPA2336P Datasheet HTML 6Page - Burr-Brown (TI) OPA2336P Datasheet HTML 7Page - Burr-Brown (TI) OPA2336P Datasheet HTML 8Page - Burr-Brown (TI) OPA2336P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
OPA336, 2336, 4336
3
SBOS068C
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = 2.3V to 5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
OPA336NA, UA
OPA336N, U
OPA2336EA, PA, UA
OPA2336E, P, U
OPA4336EA
OPA336NJ, UJ
PARAMETER
CONDITION
MIN
TYP(1)
MAX
MIN
TYP
MAX
MIN
TYP MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
±60
±125
T
±500
±500 ±2500
µV
vs Temperature
dVOS/dT
±1.5
DD
µV/°C
vs Power Supply
PSRR
VS = 2.3V to 5.5V
25
100
TT
T
T
T
µV/V
Over Temperature
VS = 2.3V to 5.5V
130
DD
D
µV/V
Channel Separation, dc
0.1
TT
µV/V
INPUT BIAS CURRENT
Input Bias Current
IB
±1
±10
TT
T
T
pA
Over Temperature
±60
DD
pA
Input Offset Current
IOS
±1
±10
TT
T
T
pA
NOISE
Input Voltage Noise, f = 0.1 to 10Hz
3
TT
µVp-p
Input Voltage Noise Density, f = 1kHz en
40
TT
nV/
√Hz
Current Noise Density, f = 1kHz
in
30
TT
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
–0.2
(V+) –1
TT
T
T
V
Common-Mode Rejection Ratio
CMRR
–0.2V < VCM < (V+) –1V
80
90
76
86
76
86
dB
Over Temperature
–0.2V < VCM < (V+) –1V
76
74
74
dB
INPUT IMPEDANCE
Differential
1013 || 2
TT
Ω || pF
Common-Mode
1013 || 4
TT
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL RL = 25kΩ, 100mV < VO < (V+) – 100mV
100
115
90
T
90
T
dB
Over Temperature
RL = 25kΩ, 100mV < VO < (V+) – 100mV
100
90
90
dB
RL = 5kΩ, 500mV < VO < (V+) – 500mV
90
106
TT
T
T
dB
Over Temperature
RL = 5kΩ, 500mV < VO < (V+) – 500mV
90
DD
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
GBW
VS = 5V, G = 1
100
TT
kHz
Slew Rate
SR
VS = 5V, G = 1
0.03
TT
V/
µs
Overload Recovery Time
VIN • G = VS
100
TT
µs
OUTPUT
Voltage Output Swing from Rail(2)
RL = 100kΩ, AOL ≥ 70dB
3
TT
mV
RL = 25kΩ, AOL ≥ 90dB
20
100
TT
T
T
mV
Over Temperature
RL = 25kΩ, AOL ≥ 90dB
100
DD
mV
RL = 5kΩ, AOL ≥ 90dB
70
500
TT
T
T
mV
Over Temperature
RL = 5kΩ, AOL ≥ 90dB
500
DD
mV
Short-Circuit Current
ISC
±5
TT
mA
Capacitive Load Drive
CLOAD
See Text
TT
pF
POWER SUPPLY
Specified Voltage Range
VS
2.3
5.5
TT
T
T
V
Minimum Operating Voltage
2.1
TT
V
Quiescent Current (per amplifier)
IQ
IO = 0
20
32
TT
23
38
µA
Over Temperature
IO = 0
36
D
42
µA
TEMPERATURE RANGE
Specified Range
–40
+85
TT
T
T
°C
Operating Range
–55
+125
TT
T
T
°C
Storage Range
–55
+125
TT
T
T
°C
Thermal Resistance
θ
JA
SOT-23-5 Surface-Mount
200
TT
°C/W
MSOP-8 Surface-Mount
150
T
°C/W
SO-8 Surface-Mount
150
TT
°C/W
DIP-8
100
T
°C/W
SSOP-16 Surface-Mount
100
T
°C/W
DIP-14
80
T
°C/W
TSpecifications same as OPA2336E, P, U.
NOTES: (1) VS = +5V. (2) Output voltage swings are measured between the output and positive and negative power-supply rails.


Similar Part No. - OPA2336P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336P BURR-BROWN-OPA2336P Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336P BURR-BROWN-OPA2336P Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA2336P TI1-OPA2336P Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2336P TI1-OPA2336P Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336PA BURR-BROWN-OPA2336PA Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA2336P

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
OPA2336 UTC-OPA2336 Datasheet
168Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_17 Datasheet
140Kb / 6P
   SINGLE-SUPPLY, MICROPOWER CMOS OPERATIONAL AMPLIFIERS
OPA2336 UTC-OPA2336_15 Datasheet
157Kb / 6P
   SINGLE-SUPPLY MICROPOWER CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336 BURR-BROWN-OPA2336 Datasheet
621Kb / 17P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Texas Instruments
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA337 TI1-OPA337_16 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
   Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
[Old version datasheet]   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com