Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS5545 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS5545
Description  11-BIT, 200 MSPS ADC
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 25Page - Texas Instruments ADS5545 Datasheet HTML 26Page - Texas Instruments ADS5545 Datasheet HTML 27Page - Texas Instruments ADS5545 Datasheet HTML 28Page - Texas Instruments ADS5545 Datasheet HTML 29Page - Texas Instruments ADS5545 Datasheet HTML 30Page - Texas Instruments ADS5545 Datasheet HTML 31Page - Texas Instruments ADS5545 Datasheet HTML 32Page - Texas Instruments ADS5545 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
www.ti.com
VoltageForcedontheCMPin − V
82
83
84
86
87
1.4
1.45
1.5
1.55
1.6
67
68
66
69
70
71
SFDR
SNR
85
f
=20MHz
IN
f-Frequencyof ACCommon-ModeVoltage-MHz
-70
-65
-60
-45
-40
-35
0
20
40
60
80
100
-55
-50
f − Frequency − MSPS
0
10
20
30
40
50
60
70
80
100
0
20
40
60
80
120
180 200
90
160
DDRLVDS
CMOS
5-pFLoadCap
CMOS
0-pFLoadCap
CMOS
10-pFLoadCap
100
140
F − SamplingFrequency − MSPS
S
0.64
0.70
0.76
0.82
0.88
0.94
1.00
1.06
1.12
1.18
1.24
0
20
40
60
80
100 120 140 160 180
LVDSMode
Default
PowerMode1
PowerMode2
PowerMode3
200
ADS5517
SLWS203 – DECEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All plots are at 25
°C, AVDD = DRVDD = 3.3 V, sampling frequency = 200 MSPS, sine wave input clock, 1.5 V
PP differential
clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0 dB gain, DDR LVDS data
output (unless otherwise noted)
PERFORMANCE IN EXTERNAL REFERENCE MODE
COMMON-MODE REJECTION RATIO vs FREQUENCY
Figure 27.
Figure 28.
POWER DISSIPATION vs
DIGITAL CURRENT vs
SAMPLING FREQUENCY
SAMPLING FREQUENCY (Parallel CMOS)
Figure 29.
Figure 30.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS5517


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn