Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS5545 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS5545
Description  11-BIT, 200 MSPS ADC
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 16Page - Texas Instruments ADS5545 Datasheet HTML 17Page - Texas Instruments ADS5545 Datasheet HTML 18Page - Texas Instruments ADS5545 Datasheet HTML 19Page - Texas Instruments ADS5545 Datasheet HTML 20Page - Texas Instruments ADS5545 Datasheet HTML 21Page - Texas Instruments ADS5545 Datasheet HTML 22Page - Texas Instruments ADS5545 Datasheet HTML 23Page - Texas Instruments ADS5545 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
www.ti.com
ADS5517
SLWS203 – DECEMBER 2007
Table 15. Serial Register G
A7 – A0 (hex)
D7
D6
D5
D4
D3
D2
D1
D0
<ODI> OUTPUT DATA
<RST>
6C
INTERFACE - DDR LVDS OR
SOFTWARE
PARALLEL CMOS
RESET
D1
<RST> Software resets the ADC
1
Resets all registers to default values
D4 — D3
<ODI> Output data interface
00
DDR LVDS outputs, default after reset
01
DDR LVDS outputs
11
Parallel CMOS outputs
Table 16. Serial Register H
A7 – A0
D7
D6
D5
D4
D3
D2
D1
D0
<REF> INTERNAL or
6D
<SCALING> POWER SCALING
EXTERNAL REFERENCE
D4
<REF> Reference
0
Internal reference
1
External reference mode, force voltage on Vcm to set reference.
D7 — D5
<SCALING> Program power scaling at lower sampling
frequencies
001
Use for Fs > 150 MSPS, default after reset
011
Power Mode 1, use for 105 < Fs
≤ 150 MSPS
101
Power Mode 2, use for 50 < Fs
≤ 105
111
Power Mode 3, use for Fs
≤ 50 MSPS
Table 17. Serial Register I
A7 – A0
D7
D6
D5
D4
D3
D2
D1
D0
<LVDS CURR> LVDS
<DATA TERM> INTERNAL TERMINATION –
<CLKOUT TERM> INTERNAL
7E
CURRENT
DATA OUTPUTS
TERMINATION – OUTPUT CLOCK
PROGRAMMABILITY
D1 — D0
<LVDS CURR> LVDS buffer current programming
00
3.5 mA, default
01
2.5 mA
10
4.5 mA
11
1.75 mA
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn