Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADS5545 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS5545
Description  11-BIT, 200 MSPS ADC
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS5545 Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
www.ti.com
RESET TIMING
t
1
t
3
t
2
PowerSupply
AVDD,DRVDD
RESET
SEN
ADS5517
SLWS203 – DECEMBER 2007
Typical values at 25
°C, min and max values across the full temperature range T
MIN = –40°C to TMAX = 85°C,
AVDD = DRVDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t1
Power-on delay
Delay from power-up of AVDD and DRVDD to RESET pulse active
5
ms
t2
Reset pulse width
Pulse width of active RESET signal
10
ns
t3
Register write delay
Delay from RESET disable to SEN active
25
ns
tPO
Power-up time
Delay from power-up of AVDD and DRVDD to output stable
6.5
ms
NOTE: A high-going pulse on RESET pin is required in serial interface mode in case of initialization through hardware reset.
For parallel interface operation, RESET has to be tied permanently HIGH.
Figure 6. Reset Timing Diagram
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): ADS5517


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn