Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5545 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5545
Description  11-BIT, 200 MSPS ADC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5545 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADS5545 Datasheet HTML 38Page - Texas Instruments ADS5545 Datasheet HTML 39Page - Texas Instruments ADS5545 Datasheet HTML 40Page - Texas Instruments ADS5545 Datasheet HTML 41Page - Texas Instruments ADS5545 Datasheet HTML 42Page - Texas Instruments ADS5545 Datasheet HTML 43Page - Texas Instruments ADS5545 Datasheet HTML 44Page - Texas Instruments ADS5545 Datasheet HTML 45Page - Texas Instruments ADS5545 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
www.ti.com
Output Clock Position Programmability
Output Data Format
Out-of-Range Indicator (OVR)
POL − Positiveoverloadcode
0x7FFforstraightbinary
0x3FFfor2scomplement
NOL − Negativeoverloadcode
0x000forstraightbinary
0x400for2scomplement
Output Timing
ADS5517
SLWS203 – DECEMBER 2007
In both the LVDS and CMOS modes, the output clock can be moved around its default position. This can be
done using SEN pin 27 (as described in Table 5) or using the serial interface register bits <CLKOUT POSN>
(Table 9). Using this allows to trade-off the setup and hold times leading to reliable data capture. There also
exists an option to align the output clock edge with the data transition.
Note that programming the output clock position also affects the clock propagation delay times.
Two output data formats are supported – 2's complement and offset binary. They can be selected using the DFS
(pin 6) or the serial interface register bit <DF> (Table 10).
When the input voltage exceeds the full-scale range of the ADC, OVR (pin 3) goes high, and the output code is
clamped to the appropriate full-scale level for the duration of the overload. For a positive overdrive, the output
code is 0x7FF in offset binary output format, and 0x3FF in 2's complement output format. For a negative input
overdrive, the output code is 0x000 in offset binary output format and 0x400 in 2's complement output format.
Figure 45 shows the behavior of OVR during the overload. Note that OVR and the output code react to the
overload after a latency of 14 clock cycles.
Figure 45. OVR During Input Overvoltage
For the best performance at high sampling frequencies, ADS5517 uses a clock generator circuit to derive internal
timing for ADC. This results in optimal setup and hold times of the output data and 50% output clock duty cycle
for sampling frequencies from 80 MSPS to 200 MSPS. See Table 20 for timing information above 80 MSPS.
42
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ADS5517


Similar Part No. - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5545 TI-ADS5545 Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
[Old version datasheet]   12-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI-ADS5545 Datasheet
1Mb / 57P
[Old version datasheet]   14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545 TI1-ADS5545 Datasheet
2Mb / 59P
[Old version datasheet]   14-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5545IRGZ TI-ADS5545IRGZ Datasheet
381Kb / 8P
[Old version datasheet]   14-BITS, 170 MSPS ADC WITH LVDS/CMOS OUTPUTS
More results

Similar Description - ADS5545

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62C17 TI-ADS62C17 Datasheet
3Mb / 68P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS62C17 TI-ADS62C17_1 Datasheet
3Mb / 67P
[Old version datasheet]   Dual Channel 11 Bit, 200 MSPS ADC With SNRBoost
ADS4128 TI1-ADS4128_14 Datasheet
1Mb / 62P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11 Datasheet
586Kb / 24P
   11-Bit, 105Msps ADC
logo
Analog Devices
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Linear Technology
LTC2222-11 LINER-LTC2222-11_15 Datasheet
591Kb / 24P
   11-Bit, 105Msps ADC
logo
Texas Instruments
TLV2553IPW TI-TLV2553IPW Datasheet
984Kb / 29P
[Old version datasheet]   12-BIT, 200-KSPS, 11-CHANNEL, LOW-POWER, SERIAL ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com