Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AO5800 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO5800
Description  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO5800 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO5800 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO5800 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO5800 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO5800 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
TJ, TSTG
Symbol
Typ
Max
275
330
360
450
RθJL
300
350
W
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
±20
Gate-Source Voltage
Drain-Source Voltage
60
Continuous Drain
Current
A, F
Maximum
Units
Parameter
TA=25°C
TA=70°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
0.3
1.6
Pulsed Drain Current
B
Power Dissipation
A
TA=25°C
Junction and Storage Temperature Range
A
PD
°C
0.4
0.24
-55 to 150
TA=70°C
ID
0.4
AO5800
Dual N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 60V
ID = 0.4A (VGS = 10V)
RDS(ON) < 1.6Ω (VGS = 10V)
RDS(ON) < 1.9Ω (VGS = 4.5V)
General Description
The AO5800 uses advanced trench technology to
provide excellent RDS(ON), low gate charge, and
operation with gate voltages as low as 4.5V, in the
small SC89-6L footprint. It can be used for a wide
variety of applications, including load switching, low
current inverters and low current DC-DC converters.
It is ESD protected. Standard Product AO5800 is Pb-
free (meets ROHS & Sony 259 specifications).
SC-89-6
G1
G2
S1
D1
S2
D2
G1
D1
S1
G2
D2
S2
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO5800

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO5800E AOSMD-AO5800E Datasheet
129Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AO5800

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com