Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD57060 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. PD57060
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57060 Datasheet(HTML) 3 Page - STMicroelectronics

  PD57060 Datasheet HTML 1Page - STMicroelectronics PD57060 Datasheet HTML 2Page - STMicroelectronics PD57060 Datasheet HTML 3Page - STMicroelectronics PD57060 Datasheet HTML 4Page - STMicroelectronics PD57060 Datasheet HTML 5Page - STMicroelectronics PD57060 Datasheet HTML 6Page - STMicroelectronics PD57060 Datasheet HTML 7Page - STMicroelectronics PD57060 Datasheet HTML 8Page - STMicroelectronics PD57060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
PD57060 - PD57060S
TYPICAL PERFORMANCE (PD57060S)
Capacitance vs. Supply Voltage
Drain Current vs Gate-Source Voltage
Gate-Source Voltage vs Case Temperature
Output Power vs Input Power
2
2.5
3
3.5
4
4.5
5
5.5
6
VGS (V)
0
1
2
3
4
5
6
7
8
Id (A)
VDS=10 V
0
5
10
15
20
25
30
VDS (V)
1
10
100
1000
C (pF)
f = 1 MHz
Crss
Ciss
Coss
-25
0
25
50
75
100
Tc (°C)
0.92
0.94
0.96
0.98
1
1.02
1.04
1.06
VGS (Normalized)
VDS = 10 V
Id = 0.5 A
Id = 1 A
Id = 2 A
Id = 3 A
Id = 4 A
Id = 5 A
0
0.5
1
1.5
2
2.5
3
3.5
4
Pin (W)
0
10
20
30
40
50
60
70
80
Pout (W)
VDS=28V
IDQ=100mA
960MHz
945MHz
890MHz
925MHz
Power Gain vs Output Power
Drain Efficiency vs Output Power
0
10
2030
40
506070
80
Pout (W)
2
4
6
8
10
12
14
16
18
Gp (dB)
VDS=28V
IDQ=100mA
960MHz
945MHz
890MHz
925MHz
0
1020
3040
50
6070
80
Pout (W)
20
30
40
50
60
70
Nd (%)
VDS=28V
IDQ=100mA
960MHz
890MHz
945MHz
925MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
PD55015-PD55015S RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD55025 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD55008L RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD55035 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD57002 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD54003L RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY 1  2  3  4  5  More STMicroelectronics
PD57006 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics
PD57018 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  STMicroelectronics
PD57030 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  STMicroelectronics
PD57045 RF POWER TRANSISTORS The LdmoST Plastic FAMILY 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn