Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

295T324R253B11 Datasheet(PDF) 1 Page - CTS Corporation

Part # 295T324R253B11
Description  Commercial 24mm Diameter Composition Element Long Life Variable Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

295T324R253B11 Datasheet(HTML) 1 Page - CTS Corporation

  295T324R253B11 Datasheet HTML 1Page - CTS Corporation 295T324R253B11 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Series 295
Electrical and Mechanical Specifications
Resistance Range
Linear taper: 10K ohms through 1 megohms
Resistance Tolerance
Standard: ±30%
Special: ±20%, 10%
Power Rating
Under 100K ohms = 1/3 watt @ 55°C
Above 100K ohms = 1/4 watt @ 55°C
Joystick applications = 1/6 watt @ 55°C
Shaft Information
Available for round, flatted, knurled, or slot metal shaft
Diameter: 6.35mm (.250")
Consult CTS for custom-made metal and economic plastic shaft
Total Rotational Angle
Mechanical angle: 300°±5°
Effective angle: 30°to 290°
Mounting Information
Bushing Mount
Consult CTS for custom-made metal and economic plastic
bushing
Locating Lugs
Standard: Two lugs
Operating Temperature
-10°C to +85°C
Insulation Resistance
100 megohms minimum @ 100 VDC
Rotational Torque
14~144 gf-cm (0.2~2.0 in-oz)
Rotational Life
1,000,000 cycles
Features
Commercial
24mm Diameter
Composition Element
Long Life
Variable Resistor
• RoHS compliant
• Low noise
• Long life 1 million cycles
• Joystick appliations
• Wide resistance range
Consult CTS for audio taper
Diameter: EIA standard 3/8-32 UNEF-2A thread
Standard length: 9.53mm (.375") or 6.35mm (.250")
Available: No lug, or one lug (left or right) with terminals
facing inward
1 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
10/25/06
CTS Electronic Components
www.ctscorp.com
Linearity
Standard: 5%
Special: Consult CTS for better linearity


Similar Part No. - 295T324R253B11

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295T324R253B11 CTS-295T324R253B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
More results

Similar Description - 295T324R253B11

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
TOCOSAMERICA, INC.
RVQ24YN03 TOCOS-RVQ24YN03 Datasheet
545Kb / 2P
   Long Life 24mm Diameter, Single-Turn, Carbon Panel Controls
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
CTS Corporation
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
270 CTS-270 Datasheet
1Mb / 6P
   Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com