Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9515 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9515
Description  1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9515 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9515 Datasheet HTML 1Page - Maxim Integrated Products MAX9515 Datasheet HTML 2Page - Maxim Integrated Products MAX9515 Datasheet HTML 3Page - Maxim Integrated Products MAX9515 Datasheet HTML 4Page - Maxim Integrated Products MAX9515 Datasheet HTML 5Page - Maxim Integrated Products MAX9515 Datasheet HTML 6Page - Maxim Integrated Products MAX9515 Datasheet HTML 7Page - Maxim Integrated Products MAX9515 Datasheet HTML 8Page - Maxim Integrated Products MAX9515 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1mm x 1mm Video Filter Amplifier with
Automatic Shutdown and 2V/V Gain
4
_______________________________________________________________________________________
SMALL-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-60
-50
-40
-30
-20
-10
0
10
-70
0.1
100
VOUT = 100mVP-P
SMALL-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-7
-6
-5
-4
-3
-2
-1
0
1
2
-8
0.1
100
VOUT = 100mVP-P
LARGE-SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-60
-50
-40
-30
-20
-10
0
10
-70
0.1
100
VOUT = 2VP-P
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-7
-6
-5
-4
-3
-2
-1
0
1
2
-8
0.1
100
VOUT = 2VP-P
GROUP DELAY
vs. FREQUENCY
FREQUENCY (MHz)
10
1
25
50
75
100
125
0
0.1
100
VOUT = 2VP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-70
-60
-50
-40
-30
-20
-10
0
-80
0.1
100
VDD = 3.3V
VRIPPLE = 200mVP-P
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
2.5
2.6
2.7
2.8
2.9
2.4
-50
125
VIN = BLACK VIDEO SIGNAL
RL = 150
Ω
ISUPPLY = IDD - IOUT
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
1.96
1.97
1.98
1.99
2.00
2.01
2.02
2.03
2.04
2.05
1.95
-50
125
VIN = 1V
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
1.25
1.00
0.75
0.50
0.25
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
0
1.50
Typical Operating Characteristics
(VDD = 3.3V, GND = 0V, DC-coupled input, video output has RL = 150Ω connected to GND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9515 MAXIM-MAX9515 Datasheet
82Kb / 6P
   Surface-Mount Components
Rev 0; 2/08
MAX9515 MAXIM-MAX9515 Datasheet
168Kb / 6P
   Surface-Mount Components
Rev 0; 5/07
MAX9515EVKIT MAXIM-MAX9515EVKIT Datasheet
82Kb / 6P
   Surface-Mount Components
Rev 0; 2/08
MAX9515EVKIT++ MAXIM-MAX9515EVKIT+ Datasheet
82Kb / 6P
   Surface-Mount Components
Rev 0; 2/08
MAX9515EVKIT++ MAXIM-MAX9515EVKIT+ Datasheet
168Kb / 6P
   Surface-Mount Components
Rev 0; 5/07
More results

Similar Description - MAX9515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
   1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
LUMEX INC.
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Maxim Integrated Produc...
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
NTE Electronics
NTE3160 NTE-NTE3160 Datasheet
74Kb / 2P
   Light Emitting Diode - 1mm x 5mm
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
logo
Harwin Plc
D3082-05 HARWIN-D3082-05 Datasheet
60Kb / 1P
   1mm SHORTING LINK
logo
ANADIGICS, Inc
PD1M ANADIGICS-PD1M Datasheet
122Kb / 2P
   1mm InGaAs Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com