Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9515 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9515
Description  1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 2V/V Gain
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9515 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9515 Datasheet HTML 1Page - Maxim Integrated Products MAX9515 Datasheet HTML 2Page - Maxim Integrated Products MAX9515 Datasheet HTML 3Page - Maxim Integrated Products MAX9515 Datasheet HTML 4Page - Maxim Integrated Products MAX9515 Datasheet HTML 5Page - Maxim Integrated Products MAX9515 Datasheet HTML 6Page - Maxim Integrated Products MAX9515 Datasheet HTML 7Page - Maxim Integrated Products MAX9515 Datasheet HTML 8Page - Maxim Integrated Products MAX9515 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1mm x 1mm Video Filter Amplifier with
Automatic Shutdown and 2V/V Gain
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 3.3V, video output has RL = 150Ω connected to GND, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages with respect to GND.)
VDD .................................................................................0 to +4V
IN ............................................................................. -0.3V to +4V
OUT (during shutdown) ....................................... -0.3V to +1.5V
Continuous Current
IN ...................................................................................±20mA
Continuous Power Dissipation (TA = +70°C)
4-Bump UCSP (derate 3mW/°C above +70°C).............239mW
Maximum Output Current
OUT ................................................................................±100mA
Operating Temperature Range ........................-40°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Bump Temperature (soldering)
Infrared (15s) ...............................................................+220°C
Vapor Phase (60s) .......................................................+215°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Guaranteed by PSRR test
2.7
3.3
3.6
V
Automatic shutdown
mode
No load, IN does not
have an active video
signal
510
Active-detect mode
No load, IN has a
black-burst video
signal with a sync tip
920
µA
Supply Current
IDD
RL = 150
Ω connected to GND, IN has a
black-burst video signal with a sync tip,
quiescent current only; no load current is
included
2.9
4.8
mA
AUTOMATIC SHUTDOWN
Minimum Line Frequency
7.3
kHz
Sync Slice Level
4.1
5.2
%VDD
Output Load Detect Threshold
200
Ω
DC CHARACTERISTICS
2.7V
≤ VDD ≤ 3.6V
0
1.05
Input Voltage Range
Guaranteed by
output-voltage swing
3.0V
≤ VDD ≤ 3.6V
0
1.20
V
Input Current
IB
IN = GND
2
5
µA
Input Resistance
RIN
17
M
Ω
DC Voltage Gain (Note 2)
AV
Guaranteed by output-voltage swing
1.96
2.00
2.04
V/V
Output Level
IN = GND
0.21
0.30
0.41
V
2.7V
≤ VDD ≤ 3.6V,
0
≤ VIN ≤ 1.05V
2.058
2.1
2.121
Output-Voltage Swing
Measured at output
3.0V
≤ VDD ≤ 3.6V,
0
≤ VIN ≤ 1.20V
2.352
2.4
2.424
VP-P


Similar Part No. - MAX9515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9515 MAXIM-MAX9515 Datasheet
82Kb / 6P
   Surface-Mount Components
Rev 0; 2/08
MAX9515 MAXIM-MAX9515 Datasheet
168Kb / 6P
   Surface-Mount Components
Rev 0; 5/07
MAX9515EVKIT MAXIM-MAX9515EVKIT Datasheet
82Kb / 6P
   Surface-Mount Components
Rev 0; 2/08
MAX9515EVKIT++ MAXIM-MAX9515EVKIT+ Datasheet
82Kb / 6P
   Surface-Mount Components
Rev 0; 2/08
MAX9515EVKIT++ MAXIM-MAX9515EVKIT+ Datasheet
168Kb / 6P
   Surface-Mount Components
Rev 0; 5/07
More results

Similar Description - MAX9515

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
   1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
logo
Micrel Semiconductor
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
logo
LUMEX INC.
SSL-LX15583GD LUMEX-SSL-LX15583GD Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
[Old version datasheet]   3V Video Amplifier with 6dB Gain and Filter
logo
LUMEX INC.
SSL-LX15583ID LUMEX-SSL-LX15583ID Datasheet
53Kb / 1P
   1mm X 5mm Rectangular LED
logo
Maxim Integrated Produc...
MAX16072 MAXIM-MAX16072 Datasheet
1Mb / 8P
   μP Supervisory Circuits in 4-Bump (1mm x 1mm) Chip-Scale Package
Rev 0; 1/10
logo
NTE Electronics
NTE3160 NTE-NTE3160 Datasheet
74Kb / 2P
   Light Emitting Diode - 1mm x 5mm
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
logo
Harwin Plc
D3082-05 HARWIN-D3082-05 Datasheet
60Kb / 1P
   1mm SHORTING LINK
logo
ANADIGICS, Inc
PD1M ANADIGICS-PD1M Datasheet
122Kb / 2P
   1mm InGaAs Photodiode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com