Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3382 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. MKP3382
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP3382 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MKP3382 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 9Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2000 Sep 11
6
BCcomponents
Product specification
Interference suppression film capacitors
MKP 338 2
URac
= 275 V (X2); URdc = 630 V
Notes
1.
Dimensions in brackets for bent back leads.
2.
H
= in-tape height; P0 = sprocket hole distance; for detailed specifications refer to this handbook, chapter “Packaging
information”.
a) For pitch
= 7.5 mm: H = 18.5 mm and P0 = 12.7 mm.
b) For pitch
= 7.5 mm (bent back): H = 16.0 mm and P0 = 15.0 mm.
The reel diameter
= 500 mm; reel diameter = 356 mm is available on request.
3.
The shading indicates preferred types.
C
(
µF)
DIMENSIONS(1)
b
× h(h’) × l
(mm)
MASS
(g)
CATALOGUE NUMBER
LOOSE IN BOX
AMMOPACK
OR REEL(2)
short leads
long leads
lt
=
3.5
+1/−0.5 mm
lt
=
5.0
±1.0mm
lt
=
25.0
±2.0mm
C-tol
= ±20%
C-tol
= ±20%
catalogue number(3)
last 5 digits(3)
last 5 digits(3)
Pitch
= 7.5 ±0.4 mm; dt = 0.50 ±0.05 mm
ammopack;
pitch
= 7.5 mm;
dt
= 0.50 mm
0.001
4.0
× 9.0 × 10.0
0.5
2222 338 20102
.. 22102
.. 24102
.. 26102
0.0015
2222 338 20152
.. 22152
.. 24152
.. 26152
0.0022
2222 338 20222
.. 22222
.. 24222
.. 26222
0.0033
2222 338 20332
.. 22332
.. 24332
.. 26332
0.0047
2222 338 20472
.. 22472
.. 24472
.. 26472
0.0068
2222 338 20682
.. 22682
.. 24682
.. 26682
0.01
2222 338 20103
.. 22103
.. 24103
.. 26103
0.015
2222 338 20153
.. 22153
.. 24153
.. 26153
0.022
2222 338 20223
.. 22223
.. 24223
.. 26223
0.033
5.0
× 10.5 × 10.0
0.9
2222 338 20333
.. 22333
.. 24333
.. 26333
0.047
6.0
× 11.5 × 10.0
1.0
2222 338 20473
.. 22473
.. 24473
.. 26473
Pitch
= 10.0 ±0.4 mm; dt = 0.60 ±0.06 mm
reel;
pitch
= 7.5 mm
(bent back);
dt
= 0.60 mm
0.068
6.0
× 12.0 (14.0) × 12.5
1.3
2222 338 20683
.. 22683
.. 24683
.. 26683
0.1
2222 338 20104
.. 22104
.. 24104
.. 26104


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn