Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3382 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. MKP3382
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP3382 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MKP3382 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2000 Sep 11
4
BCcomponents
Product specification
Interference suppression film capacitors
MKP 338 2
COMPOSITION OF CATALOGUE NUMBER
TYPE
PACKAGING(1)
STANDARD DIMENSIONS
PREFERRED TYPES
338 2
X2
loose in box
lead length 3.5 mm
±20%
2222 338 20...
see
Handbook
lead length 5.0 mm
2222 338 22...
lead length 25.0 mm
2222 338 24...
taped
pitch
= 7.5 mm or bent back to 7.5 mm
2222 338 26...
ALTERNATIVE LARGER PITCH SIZES
ON REQUEST
338 2
X2
loose in box
lead length 3.5 mm
±20%
2222 338 21...
see
Datasheet
lead length 5.0 mm
2222 338 23...
lead length 25.0 mm
2222 338 25...
taped
H
= 18.5 mm; for P0 = 12.7 mm; note 2
2222 338 27...
ALTERNATIVE C-TOL
ON REQUEST
338 2
X2
loose in box
lead length 3.5 mm
±10%
2222 338 2....
see Type
detail
specification
±5%
2222 338 2....
lead length 5.0 mm
±10%
2222 338 2....
±5%
2222 338 2....
lead length 25.0 mm
±10%
2222 338 2....
±5%
2222 338 2....
taped
pitch
= 7.5 mm or bent back to 7.5 mm
±10%
2222 338 2....
±5%
2222 338 2....
H
= 18.5 mm; for P0 = 12.7 mm; note 2
±10%
2222 338 2....
±5%
2222 338 2....
2222
338
2X XX X
TYPE AND PITCHES
338 2
X2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
Notes
1) For SPQ refer to this handbook, chapter “Packaging information”; taped on reel pitch
= 27.5 mm is not available.
2) H
= in-tape height; for detailed specifications refer to this handbook, chapter “Packaging information”.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn