Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MKP3382 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. MKP3382
Description  Interference suppression film capacitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MKP3382 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MKP3382 Datasheet HTML 1Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 2Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 3Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 4Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 5Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 6Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 7Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 8Page - List of Unclassifed Manufacturers MKP3382 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
2000 Sep 11
3
BCcomponents
Product specification
Interference suppression film capacitors
MKP 338 2
SAFETY APPROVALS
SAFETY APPROVALS (X2)
VOLTAGE
VALUE
FILE NUMBERS
UL1414
250 V (AC)
1 nF to 1 µF
E112471
UL1283
305 V (AC)
1 nF to 3.3 µF
E109565
CSA-C22.2 No.1
250 V (AC)
1 nF to 1 µF
LR94054
CSA-C22.2 No.8
275 V (AC)
1 nF to 3.3 µF
pending
SEV (EN132400)
275 V (AC)
1 nF to 3.3 µF
99,6 60107,02
VDE (EN132400)
275 V (AC)
1 nF to 3.3 µF
115223
FI (EN132400)
275 V (AC)
1 nF to 3.3 µF
FI 11681
NEMKO (EN132400)
275 V (AC)
1 nF to 3.3 µF
P99102661
DEMKO (EN132400)
275 V (AC)
1 nF to 3.3 µF
99-03462
SEMKO (EN132400)
275 V (AC)
1 nF to 3.3 µF
9839136/02
IMQ (EN132400)
275 V (AC)
1 nF to 3.3 µF
V4693
ÖVE (EN132400)
275 V (AC)
1 nF to 3.3 µF
E260-009
CCEE
275 V (AC)
1 nF to 3.3 µF
CH0038043-99
V
DE
N
D
OVE
. .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn