Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M24512-W Datasheet(PDF) 15 Page - STMicroelectronics

Part No. M24512-W
Description  512 Kbit and 256 Kbit serial I²C bus EEPROM with three Chip Enable lines
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24512-W Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24512-W_08 Datasheet HTML 11Page - STMicroelectronics M24512-W_08 Datasheet HTML 12Page - STMicroelectronics M24512-W_08 Datasheet HTML 13Page - STMicroelectronics M24512-W_08 Datasheet HTML 14Page - STMicroelectronics M24512-W_08 Datasheet HTML 15Page - STMicroelectronics M24512-W_08 Datasheet HTML 16Page - STMicroelectronics M24512-W_08 Datasheet HTML 17Page - STMicroelectronics M24512-W_08 Datasheet HTML 18Page - STMicroelectronics M24512-W_08 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
M24512-x, M24256-Bx
Device operation
15/35
3.6
Write operations
Following a Start condition the bus master sends a device select code with the Read/Write
bit (RW) reset to 0. The device acknowledges this, as shown in Figure 8., and waits for two
address bytes. The device responds to each address byte with an acknowledge bit, and
then waits for the data byte.
Writing to the memory may be inhibited if Write Control (WC) is driven High. Any Write
instruction with Write Control (WC) driven High (during a period of time from the Start
condition until the end of the two address bytes) will not modify the memory contents, and
the accompanying data bytes are not acknowledged, as shown in Figure 7..
Each data byte in the memory has a 16-bit (two byte wide) address. The most significant
byte (Table 3.) is sent first, followed by the least significant byte (Table 4.). Bits b15 to b0
form the address of the byte in memory.
When the bus master generates a Stop condition immediately after the Ack bit (in the “10th
bit” time slot), either at the end of a Byte Write or a Page Write, the internal Write cycle is
triggered. A Stop condition at any other time slot does not trigger the internal Write cycle.
After the Stop condition, the delay tW, and the successful completion of a Write operation,
the device’s internal address counter is incremented automatically, to point to the next byte
address after the last one that was modified.
During the internal Write cycle, Serial Data (SDA) is disabled internally, and the device does
not respond to any requests.
3.7
Byte Write
After the Device Select code and the address bytes, the bus master sends one data byte. If
the addressed location is Write-protected, by Write Control (WC) being driven High, the
device replies with NoAck, and the location is not modified. If, instead, the addressed
location is not Write-protected, the device replies with Ack. The bus master terminates the
transfer by generating a Stop condition, as shown in Figure 8.
3.8
Page Write
The Page Write mode allows up to 64 bytes (for the M24256-Bx) or 128 bytes (for the
M24512-x) to be written in a single Write cycle, provided that they are all located in the same
’row’ in the memory: that is, the most significant memory address bits (b15-b6 for the
M24256-Bx, and b15-b7 for the M24512-x) are the same. If more bytes are sent than will fit
up to the end of the row, a condition known as ‘roll-over’ occurs. This should be avoided, as
data starts to become overwritten in an implementation dependent way.
The bus master sends from 1 to 64 bytes (for the M24256-Bx) or from 1 to 128 bytes (for the
M24512-x) of data, each of which is acknowledged by the device if Write Control (WC) is
Low. If Write Control (WC) is High, the contents of the addressed memory location are not
modified, and each data byte is followed by a NoAck. After each byte is transferred, the
internal byte address counter (the 7 least significant address bits only) is incremented. The
transfer is terminated by the bus master generating a Stop condition.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn