Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEPS225 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # SEPS225
Description  128 x 128 Dots, 262K Colors PM-OLED Display Driver and Controller
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEPS225 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button SEPS225 Datasheet HTML 8Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 9Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 10Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 11Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 12Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 13Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 14Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 15Page - List of Unclassifed Manufacturers SEPS225 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
 
 
SYNCOAM Co., Ltd.                                SEPS225                                    Version: 0.8 
12/44
 
16‐bit RGB interface 
The  16‐bit  RGB  interface  is  selected  by  setting  RIM[1:0]  bits  to  “01”.  DDRAM  write  operation  is 
Synchronized  with  DOTCLK  and  ENABLE.  Display  data  are  transmitted  to  DDRAM  in  synchronization 
with 16‐bit RGB data bus(DB[17:10], DB[8:1]) and the data enable(ENABLE). 
 
 
 
DDRAM Write 
 
18/16‐bit RGB interface timing 
ㄷ 
 
 


Similar Part No. - SEPS225

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SEPS-2-33 MINI-SEPS-2-33 Datasheet
366Kb / 2P
   Power Splitter/Combiner
SEPS-2-63 MINI-SEPS-2-63 Datasheet
399Kb / 3P
   Power Splitter/Combiner
SEPS-3-33 MINI-SEPS-3-33 Datasheet
425Kb / 2P
   Power Splitter/Combiner
SEPS-4-222 MINI-SEPS-4-222 Datasheet
340Kb / 1P
   Power Splitter/Combiner
SEPS-4-272 MINI-SEPS-4-272 Datasheet
380Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - SEPS225

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BL128128C3 BOLYMIN-BL128128C3_17 Datasheet
472Kb / 1P
   OLED display 128 x 128 dots
BL128128C2 BOLYMIN-BL128128C2 Datasheet
316Kb / 1P
   OLED Display 128 x 128 dots Built-in controller SSD1355
BL12832D BOLYMIN-BL12832D_17 Datasheet
97Kb / 1P
   OLED display 128 x 32 dots
BL12832D BOLYMIN-BL12832D Datasheet
97Kb / 1P
   OLED display 128 x 32 dots
BL12864G3 BOLYMIN-BL12864G3_17 Datasheet
211Kb / 1P
   OLED display 128 x 64 dots
BL160128A BOLYMIN-BL160128A_17 Datasheet
674Kb / 1P
   OLED display 160 x 128 dots
BL25664B BOLYMIN-BL25664B_17 Datasheet
272Kb / 1P
   OLED display 128 x 64 dots
BL12864G2 BOLYMIN-BL12864G2_17 Datasheet
146Kb / 1P
   OLED display 128 x 32 dots
BL12864J BOLYMIN-BL12864J_17 Datasheet
619Kb / 1P
   OLED display 128 x 64 dots
BL12896A BOLYMIN-BL12896A_17 Datasheet
551Kb / 1P
   OLED display 128 x 96 dots
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com