Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT670M96 Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CD74HCT670M96
Description  High-Speed CMOS Logic 4x4 Register File
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CD74HCT670M96 Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CD74HCT670M96 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CD74HCT670M96 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Data to Output
tPLH,tPHL
CL = 50pF
2
-
-
256
-
315
-
375
ns
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
CL = 50pF
6
-
-
43
-
54
-
64
ns
Output Disable Time
tPLZ,tPHZ
CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Output Enable Time
tPZL,tPZH
CL = 50pF
2
-
-
150
-
190
-
225
ns
4.5
-
-
30
-
38
-
45
ns
CL = 15pF
5
-
12
-
-
-
-
-
ns
CL = 50pF
6
-
-
26
-
33
-
38
ns
Output Transition Time
tTHL, tTLH
CL = 50pF
2
-
-
75
-
95
-
110
ns
4.5
-
-
15
-
19
-
22
ns
6
-
-
13
-
10
-
19
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
CL = 15pF
5
-
59
-
-
-
-
-
pF
HCT TYPES
Propagation Delay
tPHL, tPLH
Reading Any Word
CL = 50pF
4.5
-
-
40
-
50
-
53
ns
CL = 15pF
5
-
17
-
-
-
-
-
ns
Write Enable to Output
tPHL, tPLH
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
Data to Output
tPHL, tPLH
CL = 50pF
4.5
-
-
50
-
63
-
75
ns
CL = 15pF
5
-
21
-
-
-
-
-
ns
Output Disable Time
tPLZ,tPHZ
CL = 50pF
4.5
-
-
35
-
44
-
53
ns
CL = 15pF
5
-
14
-
-
-
-
-
ns
Output Enable Time
tPZL,tPZH
CL = 50pF
4.5
-
-
38
-
48
-
57
ns
CL = 15pF
5
-
16
-
-
-
-
-
ns
Output Transition Time
tTLH, tTHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
Input Capacitance
CI
CL = 50pF
-
10
-
10
-
10
-
10
pF
Three-State Output
Capacitance
CO
-
-
20
-
20
-
20
-
20
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
CL = 15pF
5
-
66
-
-
-
-
-
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per output.
6. PD =CPD VCC
2 f
i + ∑ CL VCC
2 f
O where fi = Input Frequency, fO = Output Frequency, CL = Output Load Capacitance, VCC = Supply
Voltage.
Switching Specifications CL = 50pF, Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD54HC670, CD74HC670, CD74HCT670


Similar Part No. - CD74HCT670M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT670M96 TI-CD74HCT670M96 Datasheet
284Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD74HCT670M96 TI-CD74HCT670M96 Datasheet
351Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD74HCT670M96E4 TI-CD74HCT670M96E4 Datasheet
284Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD74HCT670M96E4 TI-CD74HCT670M96E4 Datasheet
351Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD74HCT670M96G4 TI-CD74HCT670M96G4 Datasheet
351Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
More results

Similar Description - CD74HCT670M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC670 TI-CD74HC670 Datasheet
49Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD54HC670 TI-CD54HC670 Datasheet
284Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
CD54HC670 TI-CD54HC670_07 Datasheet
351Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 4x4 Register File
logo
National Semiconductor ...
54LS170 NSC-54LS170 Datasheet
103Kb / 4P
   4x4 REGISTER FILE WITH OPEN-COLLECTOR OUTPUTS
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Motorola, Inc
MC14580B MOTOROLA-MC14580B Datasheet
234Kb / 7P
   4x4 Multiport Register
logo
Texas Instruments
CD54-74HC646 TI-CD54-74HC646 Datasheet
245Kb / 8P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com