Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHA2069-QDG Datasheet(PDF) 13 Page - United Monolithic Semiconductors

Part # CHA2069-QDG
Description  18-30GHz Low Noise Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2069-QDG Datasheet(HTML) 13 Page - United Monolithic Semiconductors

Back Button CHA2069-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 11Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 12Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 13Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 14Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 15Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 16Page - United Monolithic Semiconductors CHA2069-QDG Datasheet HTML 17Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
18-30GHz Low Noise Amplifier
CHA2069-QDG
Ref. : DSCHA2069QDG6332 - 28 Nov 06
13/18
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0) 1 69 33 03 08 - Fax: +33 (0) 1 69 33 03 09
(For production, design must be adapted with regard to PCB tolerances and
assembly process)
Basic footprint for a 24L-QFN4x4 (all units mm)
(Please, refer to the UMS propose footprint for optimum
operation in the following “Proposed Assembly board” section)
The RF ports are DC blocked on chip. The DC connection (Vd) does not include any
decoupling capacitor in package, therefore it is mandatory to provide a good external DC
decoupling on the PC board, as close as possible to the package.
SMD mounting procedure
The SMD leadless package has been designed for high volume surface mount PCB
assembly process. The dimensions and footprint required for the PCB (motherboard) are
given in the drawings above.
For the mounting process standard techniques involving solder paste and a suitable reflow
process can be used. For further details, see application note AN0017.


Similar Part No. - CHA2069-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2069-99F UMS-CHA2069-99F Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F/00 UMS-CHA2069-99F/00 Datasheet
167Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-99F UMS-CHA2069-99F_15 Datasheet
261Kb / 8P
   18-31GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA Datasheet
383Kb / 10P
   16-32GHz Low Noise Amplifier
CHA2069-FAA UMS-CHA2069-FAA_15 Datasheet
383Kb / 10P
   16-32GHz Low Noise Amplifier
More results

Similar Description - CHA2069-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2693-QAG UMS-CHA2693-QAG Datasheet
414Kb / 12P
   18-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_03 Datasheet
97Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193_15 Datasheet
149Kb / 10P
   20-30GHz Low Noise Amplifier
CHA3689-99F UMS-CHA3689-99F_15 Datasheet
682Kb / 16P
   12.5-30GHz Low Noise Amplifier
CHA2190 UMS-CHA2190_15 Datasheet
185Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093 Datasheet
107Kb / 8P
   20-30GHz Low Noise Amplifier
CHA2093 UMS-CHA2093_15 Datasheet
128Kb / 8P
   20-30GHz Low Noise Amplifier
CHA3689 UMS-CHA3689 Datasheet
261Kb / 10P
   12.5-30GHz Low Noise Amplifier
CHA2193 UMS-CHA2193 Datasheet
112Kb / 10P
   20-30GHz Low Noise Amplifier
CHA3688AQDG UMS-CHA3688AQDG Datasheet
473Kb / 16P
   12.5-30GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com