Electronic Components Datasheet Search |
|
254SA103B50A Datasheet(PDF) 1 Page - CTS Corporation |
|
254SA103B50A Datasheet(HTML) 1 Page - CTS Corporation |
1 / 2 page Potentiometer 1 & 2 Resistance Range Resistance Tolerance Standard: ±30% Insulation Resistance 100 Megohms @ 250 VDC Operational Torque 120 ±50 gf-cm Power Rating 0.0125 watt @ 50°C, derated to no load @ 85°C Maximum Operating Voltage 50 VAC or 5 VDC maximum Angle of Rotation 60° maximum Life 1,000,000 cycles Two Axis, Micro-stick Controller With Optional Momentary Switch Features • Sub-Compact Size: 11x11x5 (mm) • Long Life 1 Million Cycles • Provides excellent electrical accuracy through patented mechanism Electrical and Mechanical Specifications Series 254 Micro-stick • RoHS compliant Available Switch Type Momentary Contact Resistance 100 milliohms maximum Dielectric Strength 250 VAC 50/60 Hz for 1 minute Insulation Resistance 100 Megaohms minimum @ 100 VDC Operational Force 800±200 gf Power Rating 5 VDC, 5 mA maximum Travel 0.8±0.2mm Switch Life 200,000 cycles Maximum Contact Resistance switching 5mA @ 5VDC 10 K ohms through 100 K ohms 200 milliohms maximum after 200,000 cycles ® 1 - 2 © 2007 CTS Corporation. All rights reserved. Information subject to change. 05/24/07 CTS Electronic Components www.ctscorp.com Special: ± 20% available • Optional momentary switch is operational at all rotations Taiwan patent No. I279822. Patent Pending in US, Japan & China |
Similar Part No. - 254SA103B50A |
|
Similar Description - 254SA103B50A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |