Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210 Datasheet(PDF) 1 Page - CTS Corporation

Part # 210
Description  AUTO-DIP짰 Switch Automatically Insertable, Wave Solderable, Board Washable DIP Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

210 Datasheet(HTML) 1 Page - CTS Corporation

  210 Datasheet HTML 1Page - CTS Corporation 210 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Switch Function
SPST- 2 through 10 and 12 positions
Switch Contact Resistance
Insulation Resistance
1,000 megohms minimum between
insulated terminals
Dielectric Strength
500 VDC for 1 minute between adjacent
switches
Nonswitching Rating
100 mA or 50 VDC maximum
Switch Capacitance
5 pF maximum between adjacent closed switches
Operating Temperature
–40°C to +85°C
Actuation Life
Series 209: 2,000 cycles switching @ 100 mA,
20 VDC or @ .1 mA, 5 VDC (dry circuit)
Series 210: 1,000 cycles switching @ 100 mA,
20 VDC or @ .1 mA, 5 VDC (dry circuit)
Allowable Solder Time
Up to 5 seconds at 260°C
Vibration
Per MIL-STD-202F, method 204D, condition B
(.06" or 15 G’s between 10 HZ to 2K HZ) with no
contact inconsistencies greater than 1 microsecond.
Shock
Per MIL-STD-202F, method 213B, condition A
(50 G’s) with no contact inconsistencies greater
than 1 microsecond.
Sealing
Standard bottom seal
Optional top tape seal
AUTO-DIP® Switch
Automatically
Insertable, Wave
Solderable, Board
Washable DIP Switch
Optimized Mechanical Features
• Fully sealed to withstand insertion shock,
wave solder temperatures, and board washing
• Positive detent seperated from contactor
• Compatible with Amistar, DynaPert,
Universal, NETCO assembly and other machines
Optimized Contact System
• Redundant, wiping contact
• Contactor does not deflect during actuation
Materials
• Series 209 - gold plated beryllium copper contacts
• Series 210 - gold flash plated beryllium copper contacts
• High temperature material (UL94V-0)
Electrical and Mechanical Specifications
®
Series 209 – Premium AUTO-DIP Switches
Series 210 – Economical AUTO-DIP Switches
Features
• Available low profile, medium and extended height
actuator
• RoHS compliant
1 - 2
CTS Electronic Components
www.ctscorp.com
Series209/210AUTO-DIP ®
Switch Series
Initial, max.
End of life, max.
209
25 milliohms
50 millohms
210
100 milliohms
500 millohms
Packaging
Standard : Anti-Static tube packaging
© 2008 CTS Corporation. All rights reserved. Information subject to change.
2/19/08


Similar Part No. - 210

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
logo
Ohmite Mfg. Co.
210 OHMITE-210 Datasheet
286Kb / 3P
   Thru-Bolts and Mounting Brackets
logo
Alpha Wire
210 ALPHAWIRE-210 Datasheet
178Kb / 2P
   M8 Female 3 Pin Field Attachable
logo
WAGO Kontakttechnik Gmb...
210-110 WAGO-210-110 Datasheet
638Kb / 7P
   Relay module; Nominal input voltage
03.10.2022
210-112 WAGO-210-112 Datasheet
154Kb / 17P
   4-conductor through terminal block; 4 mm2; center marking;for DIN-rail 35 x 15 and 35 x 7.5; CAGE CLAMP;4,00 mm2;red
17. 10. 2023
More results

Similar Description - 210

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SFH350 AVAGO-SFH350 Datasheet
402Kb / 6P
   Auto insertable and Wave solderable
logo
IXYS Corporation
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
   Machine Insertable, Wave Solderable
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
   Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
   Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
   Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
   Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
   Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
   Machine Insertable, Wave Solderable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com