Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NSSW440TVR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. NSSW440TVR
Description  SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

NSSW440TVR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
-2-
Nichia
STCE-CS0010B
<Cat.No.010307>
5.LOT
NUMBER
The first six digits number shows lot number.
The lot number is composed of the following characters;
○□××××−△■
Year
( 0 for 2000,
1 for 2001 )
Month
( 1 for Jan.,
9 for Sep.,
A for Oct.,
B for Nov.)
××××
Nichia's Product Number
Ranking by Color Coordinates
Ranking by Luminous Intensity
6.RELIABILITY
(1) TEST ITEMS AND RESULTS
Test Item
Standard
Test Method
Test Conditions
Note
Number of
Damaged
Resistance
to Soldering Heat
Tsol=240,
5sec.
(Reflow Soldering)
1 time
0/100
Heat Shock
JIS C 7021
(1977)A-3
0
∼100
5sec.
15sec.
100 cycles
0/100
Temperature Cycle
JIS C 7021
(1977)A-4
-40
∼25∼100∼25
30min. 5min. 30min. 5min.
100 cycles
0/100
High Humidity
Heat Cycle
JIS C 7021
(1977)A-5
30
∼65∼-10
90%RH
24hrs./1cycle
10 cycles
0/100
High Temperature
Storage
JIS C 7021
(1977)B-10
Ta=100
1000hrs.
0/100
Humidity Heat
Load
JIS C 7021
(1977)B-11
Ta=60,
RH=90%
1000hrs.
0/100
Low Temperature
Storage
JIS C 7021
(1977)B-12
Ta=-40
1000hrs.
0/100
Life Test
JIS C 7035
(1985)
Ta=25, IF=20mA
1000hrs.
0/100
High Humidity
Heat Life Test
60
℃, RH=90%, IF=20mA
500hrs.
0/100
Low Temperature
Life Test
Ta=-30, IF=20mA
1000hrs.
0/100
(2) CRITERIA FOR JUDGING THE DAMAGE
Criteria for Judgement
Item
Symbol
Test Conditions
Min.
Max.
Forward Voltage
Reverse Current
Luminous Intensity
VF
IR
IV
IF=20mA
VR=5V
IF=20mA
-
-
L.S.L.**)
×0.7
U.S.L.*)
×1.1
U.S.L.*)
×2.0
-
*) U.S.L. : Upper Standard Level
**) L.S.L. : Lower Standard Level


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LT1560WFull Color Dot Matrix LED Unit for Indoor Use Chip Type 1 2 Sharp Electrionic Components
NSPG320CSPECIFICATIONS FOR NICHIA GREEN LED 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KAB3405TStep Up Type DC/DC Converter for White LED 1 2 3 4 5 MoreKEC(Korea Electronics)
TCA62735AFLGCharge Pump type DC/DC Converter for White LED Driver 1 2 3 4 5 MoreToshiba Semiconductor
KAB3405T_08Step Up Type DC/DC Converter for White LED 1 2 3 4 5 MoreKEC(Korea Electronics)
TCA62753FUGCharge Pump type DC/DC Converter for White LED Driver 1 2 3 4 5 MoreToshiba Semiconductor
GM4BW53340A0.5 mm Thick Thin Type 1.8 cd White Side View Chip LED 1 Sharp Electrionic Components
19-21-W1D-ANPHYWhite Chip LED 1 2 3 4 5 MoreEverlight Electronics Co., Ltd
AAT3151High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.
AAT1236High Efficiency White LED Drivers for Backlight and Keypad 1 2 3 4 5 MoreAdvanced Analog Technology, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn