Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRT512 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SRT512
Description  13.56 MHz short-range Contactless memory chip with 512-bit EEPROM and anticollision functions
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRT512 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SRT512 Datasheet HTML 7Page - STMicroelectronics SRT512 Datasheet HTML 8Page - STMicroelectronics SRT512 Datasheet HTML 9Page - STMicroelectronics SRT512 Datasheet HTML 10Page - STMicroelectronics SRT512 Datasheet HTML 11Page - STMicroelectronics SRT512 Datasheet HTML 12Page - STMicroelectronics SRT512 Datasheet HTML 13Page - STMicroelectronics SRT512 Datasheet HTML 14Page - STMicroelectronics SRT512 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
SRT512
Data transfer
11/49
3.2
Output data transfer from SRT512 to Reader (Answer Frame)
The data bits issued by the SRT512 use back-scattering. Back-scattering is obtained by
modifying the SRT512 current consumption at the antenna (load modulation). The load
modulation causes a variation at the reader antenna by inductive coupling. With appropriate
detector circuitry, the reader is able to pick up information from the SRT512. To improve
load-modulation detection, data is transmitted using a BPSK encoded, 847 kHz subcarrier
frequency ƒs as shown in Figure 7, and as specified in the ISO14443-2 Type B Standard.
Figure 7.
Wave transmitted using BPSK subcarrier modulation
3.2.1
Character transmission format for Answer Frame
The character format is the same as for input data transfer (Figure 4). The transmitted
frames are made up of an SOF, data, a CRC and an EOF (Figure 10). As with an input data
transfer, if an error occurs, the reader does not issue an error code to the SRT512, but it
should be able to detect it and manage the situation. The data transfer rate is
106 Kbits/second.
3.2.2
Answer Start Of Frame
The SOF described in Figure 8 is composed of:
followed by 10 ETUs at logic-0
followed by 2 ETUs at logic-1
Figure 8.
Answer Start Of Frame
Or
AI13504b
Data Bit to be Transmitted
to the Reader
847-kHz BPSK Modulation
Generated by the SRT512
BPSK Modulation at 847 kHz
During a One-bit Data Transfer Time (1/106 kHz)
ai07665
ETU
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
b10
b11
0000000000
11


Similar Part No. - SRT512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRT512 STMICROELECTRONICS-SRT512 Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-SBN18/1G2 STMICROELECTRONICS-SRT512-SBN18/1G2 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-SBN18/XXX STMICROELECTRONICS-SRT512-SBN18/XXX Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512-SBN181GE STMICROELECTRONICS-SRT512-SBN181GE Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
More results

Similar Description - SRT512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AT STMICROELECTRONICS-ST25TB512-AT Datasheet
817Kb / 44P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
SRT512 STMICROELECTRONICS-SRT512_12 Datasheet
470Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
ST25TB512-AC STMICROELECTRONICS-ST25TB512-AC Datasheet
609Kb / 46P
   13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
Rev 8 - February 2023
ST25TB04K STMICROELECTRONICS-ST25TB04K Datasheet
860Kb / 47P
   13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
   13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
   13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com