Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW50-10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BZW50-10
Description  TRANSILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-10 Datasheet(HTML) 3 Page - STMicroelectronics

  BZW50-10_03 Datasheet HTML 1Page - STMicroelectronics BZW50-10_03 Datasheet HTML 2Page - STMicroelectronics BZW50-10_03 Datasheet HTML 3Page - STMicroelectronics BZW50-10_03 Datasheet HTML 4Page - STMicroelectronics BZW50-10_03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZW50-10,B/180,B
3/5
0.001
0.01
0.1
1
10
100
1E2
1E3
1E4
1E5
1E6
1E7
tp (ms ) EXPO.
Tj initial = 25øC
Pp (W)
°
p
Fig. 2 : Peak pulse power versus exponential pulse duration.
Fig. 3 :
Clamping voltage versus peak pulse current.
Exponential waveform
tp =20
µs________
tp = 1 ms—————-
tp = 10 ms...............
Note : The curves of the figure 3 are specified for a junction temperature of 25°C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆VBR = αT* (Tamb -25) * VBR (25°C).
For intermediate voltages, extrapolate the given results.


Similar Part No. - BZW50-10_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW50-100 STMICROELECTRONICS-BZW50-100 Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-100 EIC-BZW50-100 Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-100 STMICROELECTRONICS-BZW50-100 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-100 STMICROELECTRONICS-BZW50-100 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
SUNMATE electronic Co.,...
BZW50-100 SUNMATE-BZW50-100 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
More results

Similar Description - BZW50-10_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com