Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW50-10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BZW50-10
Description  TRANSILTM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-10 Datasheet(HTML) 1 Page - STMicroelectronics

  BZW50-10_03 Datasheet HTML 1Page - STMicroelectronics BZW50-10_03 Datasheet HTML 2Page - STMicroelectronics BZW50-10_03 Datasheet HTML 3Page - STMicroelectronics BZW50-10_03 Datasheet HTML 4Page - STMicroelectronics BZW50-10_03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
BZW50-10,B/180,B
TRANSIL
TM
s
PEAK PULSE POWER : 5000 W (10/1000
µs)
s
STAND-OFF VOLTAGE RANGE :
From 10V to 180V
s
UNI AND BIDIRECTIONAL TYPES
s
LOW CLAMPING FACTOR
s
FAST RESPONSE TIME
s
UL RECOGNIZED
FEATURES
R6
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
5000
W
P
Power dissipation on infinite heatsink
Tamb = 75°C
6.5
W
IFSM
Non repetitive surge peak forward current
for unidirectional types
tp = 10ms
Tj initial = Tamb
500
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-65to+175
175
°C
°C
TL
Maximum lead temperature for soldering during 10s at 5mm
from case
230
°C
Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
DESCRIPTION
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particu-
larly suited to protect voltage sensitive devices
such as MOS Technology and low voltage sup-
plied IC’s.
February 2003- Ed : 4A
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
15
°C/W
Rth (j-a)
Junction to ambient on printed circuit.
Llead =10mm
65
°C/W
THERMAL RESISTANCES
®


Similar Part No. - BZW50-10_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW50-100 STMICROELECTRONICS-BZW50-100 Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-100 EIC-BZW50-100 Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-100 STMICROELECTRONICS-BZW50-100 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-100 STMICROELECTRONICS-BZW50-100 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
logo
SUNMATE electronic Co.,...
BZW50-100 SUNMATE-BZW50-100 Datasheet
128Kb / 3P
   5000 Watts Axial Leaded Transient Voltage Suppressor
More results

Similar Description - BZW50-10_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
   TransilTM
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
   TRANSILTM
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
   TRANSILTM
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
   TRANSILTM
August 1999 Ed : 2A
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
   TransilTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
SM6T6V8A STMICROELECTRONICS-SM6T6V8A Datasheet
186Kb / 5P
   TRANSILTM
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
   TRANSILTM
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
   TRANSILTM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com