Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSC12-11GWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. PSC12-11GWA
Description  30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSC12-11GWA Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAD2409
REV NO: V.8
DATE: JUN/01/2007
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1311000137
Notes:
1. All dimensions are in millimeters (inches), Tolerance is
±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.
Package Dimensions & Internal Circuit Diagram
Description
The Green s ourc e c olor devic es are made wit h
Gallium P hos phide Green Light Emit ting Diode.
Part Number: PSC12-11GWA
GREEN
30.48mm(1.2 INCH) 16 SEGMENT SINGLE
DIGIT ALPHANUMERIC NUMERIC DISPLAY
Features
1.2 INCH CHARACTER HEIGHT .
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
CATEGORIZED FOR LUMINOUS INTENSITY.
MECHANICALLY RUGGED.
STANDARD:GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn