Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSC12-11GWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. PSC12-11GWA
Description  30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSC12-11GWA Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPEC NO: DSAD2409
REV NO: V.8
DATE: JUN/01/2007
PAGE: 2 OF 5
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1311000137
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
PSC12-11GWA
GREEN (GaP)
WHITE DIFFUSED
3000
12000
Common Cathode, Rt.
Hand Decimal
Description
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Parameter
Green
Units
Power dissipation
c,d,g,h,k,m,n,s,r,t
125
mW
a,b,e,f,p,u and DP
62.5
DC Forward Current
c,d,g,h,k,m,n,s,r,t
25
mA
a,b,e,f,p,u and DP
Peak Forward
Current [1]
c,d,g,h,k,m,n,s,r,t
mA
a,b,e,f,p,u and DP
Reverse Voltage
c,d,g,h,k,m,n,s,r,t
10
V
a,b,e,f,p,u and DP
5
Operating/Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds
140
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Green
565
nm
IF=20mA
λD[1]
Dominant Wavelength
Green
568
nm
IF=20mA
∆λ1/2
Spectral Line Half-width
Green
30
nm
IF=20mA
C
Capacitance
Green
15
pF
VF=0V;f=1MHz
VF[2]
Forward
Voltage
c,d,g,h,k,m,n,s,r,t
Green
4.4
5.0
V
IF=20mA
a,b,e,f,p,u and DP
2.2
2.5
IR
Reverse
Current
c,d,g,h,k,m,n,s,r,t
Green
10
uA
a,b,e,f,p,u and DP
10
VR = 10V
VR = 5V
uA
Note:
1. Luminous Intensity/ Luminous Flux: +/-15%.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn