Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSC08-12SRWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part No. PSC08-12SRWA
Description  20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSC08-12SRWA Datasheet(HTML) 3 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD2398
REV NO: V.8
DATE: MAY/24/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000134
Super Bright Red
PSC08-12SRWA


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn