Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSC08-12GWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. PSC08-12GWA
Description  20.32mm (0.8INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSC08-12GWA Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD2402
REV NO: V.8
DATE: MAY/24/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000133
20.32mm (0.8INCH) 16 SEGMENT SINGLE
DIGIT ALPHANUMERIC DISPLAY
Part Number: PSC08-12GWA
Green
Features
0.8 INCH CHARACTER HEIGHT.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMMON CATHODE AND COMMON ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn