Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC05-12EWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # PSC05-12EWA
Description  12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSC05-12EWA Datasheet(HTML) 4 Page - Kingbright Corporation

  PSC05-12EWA Datasheet HTML 1Page - Kingbright Corporation PSC05-12EWA Datasheet HTML 2Page - Kingbright Corporation PSC05-12EWA Datasheet HTML 3Page - Kingbright Corporation PSC05-12EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAD2386
REV NO: V.9
DATE: MAY/16/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000117
PACKING & LABEL SPECIFICATIONS
PSC05-12EWA


Similar Part No. - PSC05-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC05-12EWA KINGBRIGHT-PSC05-12EWA Datasheet
158Kb / 5P
   12.7mm(0.5inch) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAYS
More results

Similar Description - PSC05-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSA05-12EWA KINGBRIGHT-PSA05-12EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11SRWA KINGBRIGHT-PSC05-11SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-11YWA KINGBRIGHT-PSC05-11YWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12GWA KINGBRIGHT-PSC05-12GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11EWA KINGBRIGHT-PSA05-11EWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11YWA KINGBRIGHT-PSA05-11YWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC05-12SRWA KINGBRIGHT-PSC05-12SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-11GWA KINGBRIGHT-PSA05-11GWA Datasheet
153Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-12GWA KINGBRIGHT-PSA05-12GWA Datasheet
152Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA05-12SRWA KINGBRIGHT-PSA05-12SRWA Datasheet
151Kb / 4P
   12.7mm (0.5INCH)16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com