Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431311100245 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. 431311100245
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

431311100245 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  431311100245 Datasheet HTML 1Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 2Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 3Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 4Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2001 Sep 27 Rev.1
5
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
STANDARD TEST BOARD FOR RADIATION PATTERN AND SWR MEASUREMENTS
HBK090
Dimensions in mm
50
transmisson
line
SMA
connector
8
14
0.8
14
1.2
antenna
chip
Fig.3 Typical FR4 test board.
HBK088
10
25
50
100
250
10
25
50
100
250
0
10
25
100
250
+ j
j
2 GHz
3 GHz
2
3
1
2.0
3.0
f (GHz)
SWR
1.0
2.0
3.0
5.0
7.0
6.0
8.0
9.0
10.0
4.0
2.2
2.4
2.6
2.8
HBK089
12 3
Fig.4 Typical SWR and characteristic impedance measurements.
Marker data:
1: SWR = 1.28; f = 2.400 GHz
2: SWR = 1.34; f = 2.450 GHz
3: SWR = 1.34; f = 2.500 GHz.
Marker data:
1: 50.75
Ω/12.36 Ω; f = 2.400 GHz
2: 44.98
Ω/12.83 Ω; f = 2.450 GHz
3: 43.99
Ω/12.27 Ω; f = 2.500 GHz.


Similar Part No. - 431311100245

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431311100245

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
List of Unclassifed Manufacturers
List of Unclassifed Man...
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
NXP Semiconductors
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
List of Unclassifed Manufacturers
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
Tyco Electronics
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT45A100 JOHANSON-2450AT45A100 Datasheet
223Kb / 3P
   2.45 GHz Antenna
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz