Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

431311100245 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. 431311100245
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

431311100245 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  431311100245 Datasheet HTML 1Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 2Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 3Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 4Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431311100245 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2001 Sep 27 Rev.1
3
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
MECHANICAL DATA
Physical dimensions
Table 1
Antenna dimensions
Note
1.
The antenna has built-in circuitry to the ground termination. Connecting the antenna’s ground point to the system’s
RF ground plane is optional. If good matching is achieved, the ground termination is then used as a solder joint (like
S1, S2, S3, and S4) to fix the antenna to the substrate only.
Device marking
LWT
F
G
C
S1
S2
S3
S4
–––
feed
termination
optional1)
ground
termination
NC
solder
termination
NC
solder
termination
NC
solder
termination
NC
solder
termination
Dimensions in millimetres
7.35
±0.25
5.5
±0.2
1.3
±0.2
0.9
±0.25
1.25
±0.35
0.5 ±0.3
1.25
±0.35 1.25 ±0.35
0.9
±0.25
1.25
±0.35
CENTER
FREQUENCY
(GHZ)
MARKING
CODE
2.45
no marking
2.60
6
2.70
7
HBK016
S2
S1
S4
S3
W
C
G
F
S1
G
F
T
L
S4
S2
S3
C
Dimensions in mm
Fig.1 Dimensional outline.
For dimensions see Table 1.


Similar Part No. - 431311100245

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431311100245

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
List of Unclassifed Manufacturers
List of Unclassifed Man...
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
Johanson Technology Inc.
Johanson Technology Inc...
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
NXP Semiconductors
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
List of Unclassifed Manufacturers
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
Tyco Electronics
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
Johanson Technology Inc.
Johanson Technology Inc...
2450AT45A100 JOHANSON-2450AT45A100 Datasheet
223Kb / 3P
   2.45 GHz Antenna
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz