Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSA39-21YWA Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. PSA39-21YWA
Description  9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSA39-21YWA Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAB7378
REV NO: V.7
DATE: MAY/25/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000204
9.9mm (0.39 INCH) 14 SEGMENT SINGLE
DIGIT ALPHANUMERIC DISPLAY
Part Number: PSA39-21YWA
Yellow
Features
0.39 INCH CHARACTER HEIGHT.
LOW CURRENT OPERATION.
HIGH CONTRAST AND LIGHT OUTPUT.
COMMON ANODE AVAILABLE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn