Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KB-E100SRW Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. KB-E100SRW
Description  8.89mmx3.81mm LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

KB-E100SRW Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA9425
REV NO: V.11
DATE: MAY/14/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000247
8.89mmx3.81mm LED LIGHT BAR
Part Number: KB-E100SRW
Super Bright Red
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
CATEGORIZED FOR LUMINOUS INTENSITY.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KB2400YW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB2300EW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB2700YW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB2720YW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB2800SGD8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB2820SGD8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB-A100SRW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
KB-D100SRW8.89mmx3.81mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation
WP1043YD3.65x6.15mm SINGLE CHIP LED LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
KB2755YW8.89mmx8.89mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn