Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4668 Datasheet(PDF) 10 Page - Analog Devices

Part # ADN4668
Description  3 V LVDS Quad CMOS Differential Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4668 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADN4668 Datasheet HTML 4Page - Analog Devices ADN4668 Datasheet HTML 5Page - Analog Devices ADN4668 Datasheet HTML 6Page - Analog Devices ADN4668 Datasheet HTML 7Page - Analog Devices ADN4668 Datasheet HTML 8Page - Analog Devices ADN4668 Datasheet HTML 9Page - Analog Devices ADN4668 Datasheet HTML 10Page - Analog Devices ADN4668 Datasheet HTML 11Page - Analog Devices ADN4668 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADN4668
Rev. 0 | Page 10 of 12
80
60
40
20
0
–20
–40
–60
–80
–40
–15
10
35
60
85
AMBIENT TEMPERATURE, TA (°C)
VCC = 3.3V
VID =200mV
FREQ = 200MHz
CL =15pF
Figure 19. Differential Skew, tSKD, vs. Ambient Temperature, TA
550
540
530
520
510
500
490
480
470
460
3.03.1
3.23.3
3
3.4
.6
3.5
POWER SUPPLY VOLTAGE, VCC (V)
TA = 25°C
VID = 200mV
FREQ = 25MHz
CL =15pF
tTHL
tTLH
Figure 20. Transition Time, tTLH, tTHL, vs. Power Supply Voltage, VCC
560
550
540
530
520
510
500
490
480
470
460
450
–40
–15
10
35
60
80
AMBIENT TEMPERATURE, TA (°C)
tTHL
tTLH
VCC = 3.3V
VID = 200mV
FREQ = 25MHz
CL =15pF
Figure 21. Transition Time, tTLH, tTHL, vs. Ambient Temperature, TA


Similar Part No. - ADN4668

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668 AD-ADN4668 Datasheet
593Kb / 12P
   LVDS and M-LVDS Circuit Implementation Guide
REV. 0
ADN4668 AD-ADN4668 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ-REEL7 AD-ADN4668ARUZ-REEL7 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
More results

Similar Description - ADN4668

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com