Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DF3SRD Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. DF3SRD
Description  6.8mmx19.9mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

DF3SRD Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1417
REV NO: V.5
DATE: MAY/14/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000058
6.8mmx19.9mm LIGHT BAR
Part Number: DF3SRD
Super Bright Red
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
NDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
MECHANICALLY RUGGED.
I.C. COMPATIBLE.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
1.All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2.Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DF3YD6.8mmx19.9mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DF3GD6.8mmx19.9mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DF3ID6.8mmx19.9mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DF3SGD6.8mmx19.9mm LIGHT BAR 1 2 3 4 Kingbright Corporation
OPA7393 Watt Light Bar on Anotherm Heat Spreader 1 OPTEK Technologies
BA-8S9UW10.0 x 20.16mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
DE4YD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
OPA74010 Watt Light Bar on Anotherm Linear Heat Spreader 1 OPTEK Technologies
BA-8Y9UW33.0 x 22.0mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
WP8355mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn