Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DE4SGD Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. DE4SGD
Description  15mmx15mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

DE4SGD Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD1437
REV NO: V.6
DATE: JUN/01/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000038
15mmx15mm LIGHT BAR
Part Number: DE4SGD
Super Bright Green
Features
UNIFORM LIGHT EMITTING AREA.
EASILY MOUNTED ON P.C. BOARDS OR
INDUSTRY STANDARD SOCKETS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USEDWITH PANELS AND LEGEND MOUNTS.

MECHANICALLY RUGGED.
I.C. COMPATIBLE.
RoHS COMPLIANT.
Description
The Super Bright Green source color devices are made with
Gallium Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DE4SRD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE4GD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE4ID15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE2GD7.5mmx14mm LIGHT BAR 1 2 3 4 Kingbright Corporation
BA-8Y9UW33.0 x 22.0mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
WP8355mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2IDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2SRDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2YDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
KB2635EW3.81mmx19.05mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn