Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DE4SGD Datasheet(PDF) 4 Page - Kingbright Corporation

Part No. DE4SGD
Description  15mmx15mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

DE4SGD Datasheet(HTML) 4 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAD1437
REV NO: V.6
DATE: JUN/01/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000038
PACKING & LABEL SPECIFICATIONS
DE4SGD


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DE4SRD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE4GD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE4ID15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE2GD7.5mmx14mm LIGHT BAR 1 2 3 4 Kingbright Corporation
BA-8Y9UW33.0 x 22.0mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
WP8355mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2IDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2SRDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2YDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
KB2635EW3.81mmx19.05mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn