Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DE4SGD Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. DE4SGD
Description  15mmx15mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

DE4SGD Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPEC NO: DSAD1437
REV NO: V.6
DATE: JUN/01/2007
PAGE: 2 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000038
Selection Guide
Note:
1. Luminous intensity/ luminous Flux: +/-15%.
Absolute Maximum Ratings at TA=25°C
Electrical / Optical Characteristics at TA=25°C
Notes:
1.Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Part No.
Dice
Lens Type
Min.
Typ.
DE4SGD
Super Bright Green (GaP)
GREEN DIFFUSED
18
80
Iv (mcd) [1]
@ 20mA
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Super Bright Green
565
nm
IF=20mA
λD [1]
Dominant Wavelength
Super Bright Green
568
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Super Bright Green
30
nm
IF=20mA
C
Capacitance
Super Bright Green
15
pF
VF=0V;f=1MHz
VF [2]
Forward Voltage
Super Bright Green
2.2
2.5
V
IF=20mA
IR
Reverse Current
Super Bright Green
10
uA
VR=5V
Parameter
Super Bright Green
Units
Power dissipation
62.5
mW
DC Forward Current
25
mA
Peak Forward Current [1]
140
mA
Reverse Voltage
5
V
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature[2]
260°C For 3-5 Seconds


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DE4SRD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE4GD15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE4ID15mmx15mm LIGHT BAR 1 2 3 4 Kingbright Corporation
DE2GD7.5mmx14mm LIGHT BAR 1 2 3 4 Kingbright Corporation
BA-8Y9UW33.0 x 22.0mm LIGHT BAR 1 2 3 BRIGHT LED ELECTRONICS CORP
WP8355mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2IDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2SRDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
WP835-2YDT5mmx10mm LIGHT BAR 1 2 3 4 5 MoreKingbright Corporation
KB2635EW3.81mmx19.05mm LED LIGHT BAR 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn