Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC39-21GWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # PSC39-21GWA
Description  9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

PSC39-21GWA Datasheet(HTML) 3 Page - Kingbright Corporation

  PSC39-21GWA Datasheet HTML 1Page - Kingbright Corporation PSC39-21GWA Datasheet HTML 2Page - Kingbright Corporation PSC39-21GWA Datasheet HTML 3Page - Kingbright Corporation PSC39-21GWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD2380
REV NO: V.6
DATE: MAY/25/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1311000229
Green
PSC39-21GWA


Similar Part No. - PSC39-21GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC39-21EWA KINGBRIGHT-PSC39-21EWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21SRWA KINGBRIGHT-PSC39-21SRWA Datasheet
129Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21YWA KINGBRIGHT-PSC39-21YWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - PSC39-21GWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC39-21YWA KINGBRIGHT-PSC39-21YWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21EWA KINGBRIGHT-PSC39-21EWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21YWA KINGBRIGHT-PSA39-21YWA Datasheet
130Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21EWA KINGBRIGHT-PSA39-21EWA Datasheet
73Kb / 3P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21GWA KINGBRIGHT-PSA39-21GWA Datasheet
84Kb / 3P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21SRWA KINGBRIGHT-PSC39-21SRWA Datasheet
129Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21SRWA KINGBRIGHT-PSA39-21SRWA Datasheet
129Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21GWA KINGBRIGHT-PSA39-21GWA_11 Datasheet
232Kb / 6P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
QT Optoelectronics
MAN412C QT-MAN412C Datasheet
223Kb / 6P
   0.39 INCH (9.9MM) SINGLE DIGIT STICK DISPLAY
logo
Fairchild Semiconductor
MAN412C FAIRCHILD-MAN412C Datasheet
269Kb / 7P
   0.39 INCH (9.9MM) SINGLE DIGIT STICK DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com