Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436516Z04VTG-75 Datasheet(PDF) 4 Page - Mosel Vitelic, Corp

Part # V436516Z04VTG-75
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436516Z04VTG-75 Datasheet(HTML) 4 Page - Mosel Vitelic, Corp

  V436516Z04VTG-75 Datasheet HTML 1Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
V436516Z04VTG-75 Rev. 1.2 September 2000
MOSEL VITELIC
V436516Z04VTG-75
Serial Presence Detect Information
A serial presence detect storage device -
E2PROM - is assembled onto the module. Informa-
tion about the module configuration, speed, etc. is
written into the E2PROM device during module pro-
duction using a serial presence detect protocol (I2C
synchronous 2-wire bus)
SPD-Table for 75 modules:
Byte Number
Function Described
SPD Entry Value
Hex Value
16Mx64
0
Number of SPD bytes
128
80
1
Total bytes in Serial PD
256
08
2
Memory Type
SDRAM
04
3
Number of Row Addresses (without BS bits)
12
0C
4
Number of Column Addresses (for x 8 SDRAM)
10
0A
5
Number of DIMM Banks
1
01
6
Module Data Width
64
40
7
Module Data Width (continued)
0
00
8
Module Interface Levels
LVTTL
01
9
SDRAM Cycle Time at CL=3
7.5 ns
75
10
SDRAM Access Time from Clock at CL=3
5.4 ns
54
11
Dimm Config (Error Det/Corr.)
none
00
12
Refresh Rate/Type
Self-Refresh, 15.6
µs
80
13
SDRAM width, Primary
x8
08
14
Error Checking SDRAM Data Width
n/a / x8
00
15
Minimum Clock Delay from Back to Back Random
Column Address
tccd = 1 CLK
01
16
Burst Length Supported
1, 2, 4 & 8
0F
17
Number of SDRAM Banks
4
04
18
Supported CAS Latencies
CL = 3
04
19
CS Latencies
CS Latency = 0
01
20
WE Latencies
WL = 0
01
21
SDRAM DIMM Module Attributes
Non Buffered/Non Reg.
00
22
SDRAM Device Attributes: General
Vcc tol ± 10%
0E
23
Minimum Clock Cycle Time at CAS Latency = 2
Not Supported
00
24
Maximum Data Access Time from Clock for CL = 2
Not Supported
00
25
Minimum Clock Cycle Time at CL = 1
Not Supported
00
26
Maximum Data Access Time from Clock at CL = 1
Not Supported
00
27
Minimum Row Precharge Time
20 ns
14
28
Minimum Row Active to Row Active Delay tRRD
15 ns
0F
29
Minimum RAS to CAS Delay tRCD
20 ns
14
30
Minimum RAS Pulse Width tRAS
45 ns
2D


Similar Part No. - V436516Z04VTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
More results

Similar Description - V436516Z04VTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43644Y04VCTG-75 MOSEL-V43644Y04VCTG-75 Datasheet
128Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648Z04VCTG-75 MOSEL-V43648Z04VCTG-75 Datasheet
136Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648Y04VCTG-75 MOSEL-V43648Y04VCTG-75 Datasheet
146Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com