Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA56-12EWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # CA56-12EWA
Description  14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

CA56-12EWA Datasheet(HTML) 3 Page - Kingbright Corporation

  CA56-12EWA Datasheet HTML 1Page - Kingbright Corporation CA56-12EWA Datasheet HTML 2Page - Kingbright Corporation CA56-12EWA Datasheet HTML 3Page - Kingbright Corporation CA56-12EWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD2362
REV NO: V.6
DATE: JUN/16/2006
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP:1304000087
High Efficiency Red
CA56-12EWA


Similar Part No. - CA56-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA56-12GWA KINGBRIGHT-CA56-12GWA Datasheet
161Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12SRWA KINGBRIGHT-CA56-12SRWA Datasheet
160Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - CA56-12EWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
CA56-12YWA KINGBRIGHT-CA56-12YWA Datasheet
121Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21EWA KINGBRIGHT-CA56-21EWA Datasheet
133Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11EWA KINGBRIGHT-CC56-11EWA Datasheet
162Kb / 4P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SYKWA KINGBRIGHT-CC56-11SYKWA Datasheet
361Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-21GWA KINGBRIGHT-CC56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-12EWA KINGBRIGHT-CC56-12EWA Datasheet
134Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11CGKWA KINGBRIGHT-CC56-11CGKWA Datasheet
362Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-11SURKWA KINGBRIGHT-CA56-11SURKWA Datasheet
371Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11SURKWA KINGBRIGHT-CC56-11SURKWA Datasheet
363Kb / 6P
   14.22mm(0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CC56-11GWA KINGBRIGHT-CC56-11GWA Datasheet
81Kb / 3P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
CA56-21GWA KINGBRIGHT-CA56-21GWA Datasheet
140Kb / 4P
   14.22mm (0.56INCH) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com