Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP03-6BTG Datasheet(PDF) 5 Page - Littelfuse

Part # SP03-6BTG
Description  Silicon Protection Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP03-6BTG Datasheet(HTML) 5 Page - Littelfuse

  SP03-6BTG Datasheet HTML 1Page - Littelfuse SP03-6BTG Datasheet HTML 2Page - Littelfuse SP03-6BTG Datasheet HTML 3Page - Littelfuse SP03-6BTG Datasheet HTML 4Page - Littelfuse SP03-6BTG Datasheet HTML 5Page - Littelfuse SP03-6BTG Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
77
www.littelfuse.com
©2008 Littelfuse
Specifications are subject to change without notice.
Electronics Designers Guide
Silicon Protection Arrays
Low Capacitance TVS protection for high-speed data interfaces
SP03-6 (SO-8) Series
Part Numbering System
Product Characteristics
Ordering Information
Part Number
Package
Marking
Min. Order Qty.
2500
Lead Plating
Matte Tin
Lead Material
Copper Alloy
Lead Coplanarity
Subsitute Material
Silicon
Body Material
Flammability
SERIES
PACKAGE
Working
Voltage
Silicon Protection
Array
XX XX XX X X X
T = Tape & Reel
G = GREEN
Part Marking System
Mechanical Drawings and Recommended Solder Pad Outline
Symbol
Millimetres
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
A1
0.10
0.25
0.010
A2
1.25
1.65
0.065
B
0.31
0.51
0.012
0.020
c
0.017
0.25
0.007
0.010
D
5.00
E
5.80
6.20
0.228
E1
3.80
0.150
0.157
e
1.27 BSC
0.050 BSC
L
1.27
0.016
0.050
MS-012 (SO-8) Surface Mount Package
o
Recommended
Soldering Pad Outline
(Reference Only)
F
L
First Line: Part number
Second Line: Date code
F
L SP03-6
XXXXXXXX
Notes :
1. All dimensions are in millimeters
2. Dimensions include solder plating.
5. Blo is facing up for mold and facing down for trim/form, i.e. reverse trim/form.


Similar Part No. - SP03-6BTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
184Kb / 6P
   Low Capacitance TVS protection for high-speed data interfaces
SP03-6BTG LITTELFUSE-SP03-6BTG Datasheet
297Kb / 4P
   SP03-6 Series 6V 150A Rail Clamp Array
More results

Similar Description - SP03-6BTG

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP3003-02XTG LITTELFUSE-SP3003-02XTG Datasheet
105Kb / 1P
   Silicon Protection Arrays
SP1001-02JTG LITTELFUSE-SP1001-02JTG Datasheet
193Kb / 7P
   Silicon Protection Arrays
SP0502BAJTG LITTELFUSE-SP0502BAJTG Datasheet
104Kb / 1P
   Silicon Protection Arrays
logo
ON Semiconductor
CM1223 ONSEMI-CM1223_12 Datasheet
335Kb / 13P
   Capacitance ESD Protection Arrays with Backdrive Protection
July, 2012 ??Rev. 6
logo
NXP Semiconductors
PESDXS5UD NXP-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Diodes Incorporated
DESD24VS5U6SOQ DIODES-DESD24VS5U6SOQ Datasheet
433Kb / 5P
   FIVEFOLD ESD PROTECTION DIODE ARRAYS
July 2020 Rev.1 - 2
logo
NXP Semiconductors
PESDXS5UD PHILIPS-PESDXS5UD Datasheet
115Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02-7 December 2006
logo
Nexperia B.V. All right...
PESDXS5UD_SER NEXPERIA-PESDXS5UD_SER Datasheet
664Kb / 13P
   Fivefold ESD protection diode arrays
Rev. 02 - 7 December 2006
logo
ON Semiconductor
CM1293A ONSEMI-CM1293A_12 Datasheet
518Kb / 9P
   Low Capacitance ESD Protection Arrays
July, 2012 ??Rev. 8
logo
Semikron International
DAN803 SEMIKRON-DAN803 Datasheet
157Kb / 2P
   Silicon rectifiers arrays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com