Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK41T56S00 Datasheet(PDF) 6 Page - STMicroelectronics

Part # MK41T56S00
Description  512 bit 64b x8 Serial Access TIMEKEEPER SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK41T56S00 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button MK41T56S00 Datasheet HTML 2Page - STMicroelectronics MK41T56S00 Datasheet HTML 3Page - STMicroelectronics MK41T56S00 Datasheet HTML 4Page - STMicroelectronics MK41T56S00 Datasheet HTML 5Page - STMicroelectronics MK41T56S00 Datasheet HTML 6Page - STMicroelectronics MK41T56S00 Datasheet HTML 7Page - STMicroelectronics MK41T56S00 Datasheet HTML 8Page - STMicroelectronics MK41T56S00 Datasheet HTML 9Page - STMicroelectronics MK41T56S00 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Symbol
Parameter
Min
Max
Unit
fSCL
SCL Clock Frequency
0
100
kHz
tLOW
Clock Low Period
4.7
µs
tHIGH
Clock High Period
4
µs
tR
SDA and SCL Rise Time
1
µs
tF
SDA and SCL Fall Time
300
ns
tHD:STA
START Condition Hold Time
(after this period the first clock pulse is generated)
4
µs
tSU:STA
START Condition Setup Time
(only relevant for a repeated start condition)
4.7
µs
tSU:DAT
(1)
Data Setup Time
250
ns
tHD:DAT
Data Hold Time
0
µs
tSU:STO
STOP Condition Setup Time
4.7
µs
tBUF
Time the bus must be free before a new transmission can start
4.7
µs
tI
Noise suppression time constant at SCL and SDA input
0.25
1
µs
Note: 1. Transmitter must internally provide a hold time to bridge the undefined region (300ns max.) of the falling edge of SCL.
Table 10. AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 4.5V to 5.5V)
Accordingly, the following bus conditions have
been defined:
Bus not busy. Both data and clock lines remain
High.
Start data transfer. A change in the state of the
data line, from High to Low, while the clock is High,
defines the START condition.
Stop data transfer. A change in the state of the
data line, from Low to High, while the clock is High,
defines the STOP condition.
Data valid. The state of the data line represents
valid data when after a start condition, the data line
is stable for the duration of the High period of the
clock signal. The data on the line may be changed
during the Low period of the clock signal. There is
one clock pulse per bit of data.
Each data transfer is initiated with a start condition
and terminated with a stop condition. The number
of data bytes transferred between the start and stop
conditions is not limited. The information is trans-
mitted byte-wide and each receiver acknowledges
with a ninth bit.
By definition, a device that gives out a message is
called "transmitter", the receiving device that gets
the message is called "receiver". The device that
controls the message is called "master". The de-
vices that are controlled by the master are called
"slaves".
Acknowledge. Each byte of eight bits is followed
by one acknowledge bit. This acknowledge bit is a
low level put on the bus by the receiver, whereas
the master generates an extra acknowledge re-
lated clock pulse.
A slave receiver which is addressed is obliged to
generate an acknowledge after the reception of
each byte. Also, a master receiver must generate
an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter.
The device that acknowledges has to pull down the
SDA line during the acknowledge clock pulse in
such a way that the SDA line is a stable Low during
the High period of the acknowledge related clock
pulse. Of course, setup and hold times must be
taken into account. A master receiver must signal
an end-of-data to the slave transmitter by not gen-
erating an acknowledge on the last byte that has
been clocked out of the slave. In this case, the
transmitter must leave the data line High to enable
the master to generate the STOP condition.
2-WIRE BUS CHARACTERISTICS (cont’d)
6/15
MK41T56, MKI41T56


Similar Part No. - MK41T56S00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK4116 ETC-MK4116 Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
MK4116P ETC-MK4116P Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
MK4116P-2 ETC-MK4116P-2 Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
MK4116P-3 ETC-MK4116P-3 Datasheet
1Mb / 12P
   16,384 X 1 BIT DYNAMIC RAM
More results

Similar Description - MK41T56S00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T56 STMICROELECTRONICS-M41T56 Datasheet
254Kb / 28P
   512 bit 64b x8 Serial Access TIMEKEEPER SRAM
M41T94 STMICROELECTRONICS-M41T94 Datasheet
433Kb / 31P
   512 Bit 64 bit x8 SERIAL RTC SPI SRAM
M41T00 STMICROELECTRONICS-M41T00 Datasheet
99Kb / 15P
   Serial Access TIMEKEEPER
M48T35 STMICROELECTRONICS-M48T35 Datasheet
142Kb / 18P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T58 STMICROELECTRONICS-M48T58 Datasheet
135Kb / 17P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48T59 STMICROELECTRONICS-M48T59 Datasheet
168Kb / 21P
   64 Kbit 8Kb x8 TIMEKEEPER SRAM
M48T02 STMICROELECTRONICS-M48T02 Datasheet
94Kb / 15P
   16 Kbit 2Kb x8 TIMEKEEPER[ SRAM
M48T35AY STMICROELECTRONICS-M48T35AY Datasheet
148Kb / 19P
   256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com