Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC15-11SRWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # TC15-11SRWA
Description  38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TC15-11SRWA Datasheet(HTML) 3 Page - Kingbright Corporation

  TC15-11SRWA Datasheet HTML 1Page - Kingbright Corporation TC15-11SRWA Datasheet HTML 2Page - Kingbright Corporation TC15-11SRWA Datasheet HTML 3Page - Kingbright Corporation TC15-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD2448
REV NO: V.8
DATE: MAY/24/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1332000540
Super Bright Red
TC15-11SRWA


Similar Part No. - TC15-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11YWA KINGBRIGHT-TC15-11YWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
More results

Similar Description - TC15-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
TBC15-11EGWA KINGBRIGHT-TBC15-11EGWA Datasheet
258Kb / 5P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11YWA KINGBRIGHT-TC15-11YWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11GWA KINGBRIGHT-TA15-11GWA Datasheet
154Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TBA15-11EGWA KINGBRIGHT-TBA15-11EGWA Datasheet
177Kb / 5P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11EWA KINGBRIGHT-TC15-11EWA Datasheet
216Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11SRWA KINGBRIGHT-TA15-11SRWA Datasheet
152Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TC15-11GWA KINGBRIGHT-TC15-11GWA Datasheet
214Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11YWA KINGBRIGHT-TA15-11YWA Datasheet
154Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
TA15-11EWA KINGBRIGHT-TA15-11EWA Datasheet
112Kb / 4P
   38mm (1.5 INCH) 8x8 DOT MATRIX DISPLAY
logo
China Semiconductor Cor...
CSM-88137G CHINASEMI-CSM-88137G Datasheet
217Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com