Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SA56-51PBWA-A Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. SA56-51PBWA-A
Description  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

SA56-51PBWA-A Datasheet(HTML) 1 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF1963
REV NO: V.3
DATE: MAY/28/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1301002050
14.2mm (0.56INCH) SINGLE DIGIT
NUMERIC DISPLAY
PRELIMINARY SPEC
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Part Number: SA56-51PBWA/A
Blue
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Blue source color devices are made with InGaN on SiC
Light Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn