Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SA56-51PBWA-A Datasheet(PDF) 4 Page - Kingbright Corporation

Part No. SA56-51PBWA-A
Description  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

SA56-51PBWA-A Datasheet(HTML) 4 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPEC NO: DSAF1963
REV NO: V.3
DATE: MAY/28/2007
PAGE: 4 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Z.Z.YANG
ERP: 1301002050
PACKING & LABEL SPECIFICATIONS
SA56-51PBWA/A


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn