Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBA15-11EGWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # SBA15-11EGWA
Description  38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SBA15-11EGWA Datasheet(HTML) 3 Page - Kingbright Corporation

  SBA15-11EGWA Datasheet HTML 1Page - Kingbright Corporation SBA15-11EGWA Datasheet HTML 2Page - Kingbright Corporation SBA15-11EGWA Datasheet HTML 3Page - Kingbright Corporation SBA15-11EGWA Datasheet HTML 4Page - Kingbright Corporation SBA15-11EGWA Datasheet HTML 5Page - Kingbright Corporation SBA15-11EGWA Datasheet HTML 6Page - Kingbright Corporation SBA15-11EGWA Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SPEC NO: DSAC5109
REV NO: V.9
DATE: MAY/24/2007
PAGE: 3 OF 7
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000637
SBA15-11EGWA
High Efficiency Red


Similar Part No. - SBA15-11EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SBA15-11EGWA KINGBRIGHT-SBA15-11EGWA Datasheet
671Kb / 5P
   38mm (1.5 INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SBA15-11EGWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC15-11SRWA KINGBRIGHT-SC15-11SRWA Datasheet
215Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11GWA KINGBRIGHT-SC15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11GWA KINGBRIGHT-SA15-11GWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11YWA KINGBRIGHT-SC15-11YWA Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11EWA KINGBRIGHT-SA15-11EWA Datasheet
218Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SBC15-11EGWA KINGBRIGHT-SBC15-11EGWA Datasheet
296Kb / 7P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC15-11EWA KINGBRIGHT-SC15-11EWA Datasheet
217Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11SRWA KINGBRIGHT-SA15-11SRWA_07 Datasheet
216Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA15-11YWA KINGBRIGHT-SA15-11YWA Datasheet
218Kb / 5P
   38.1mm (1.5INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DUG38C SUNLED-DUG38C Datasheet
197Kb / 5P
   38.1mm (1.5) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com