Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50MT060WHA Datasheet(PDF) 4 Page - International Rectifier

Part # 50MT060WHA
Description  HALF-BRIDGE IGBT MTP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

50MT060WHA Datasheet(HTML) 4 Page - International Rectifier

  50MT060WHA Datasheet HTML 1Page - International Rectifier 50MT060WHA Datasheet HTML 2Page - International Rectifier 50MT060WHA Datasheet HTML 3Page - International Rectifier 50MT060WHA Datasheet HTML 4Page - International Rectifier 50MT060WHA Datasheet HTML 5Page - International Rectifier 50MT060WHA Datasheet HTML 6Page - International Rectifier 50MT060WHA Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
50MT060WHA, 50MT060WHTA
Bulletin I27190 02/05
4
www.irf.com
Fig. 3 - Typical Collector-to-Emitter Voltage vs.
Junction Temperature
T
J, Junction Temperature (°C)
Fig. 4 - Typical Gate Charge vs. Gate-to-
Emitter Voltage
Q
G, Total Gate Charge (nC)
Fig. 5 - Maximum Forward Voltage Drop vs. Instantaneous Forward Current
Forward Voltage Drop - V
FM (V)
1
1.5
2
2.5
3
20
40
60
80
100 120 140 160
I = 100A
C
I = 50A
C
I = 20A
C
0
4
8
12
16
20
0
100
200
300
400
Vcc = 400V
Ic = 52A
1
10
100
0.4
0.8
1.2
1.6
2
2.4
T = 150˚C
T = 125˚C
T = 25˚C
J
J
J


Similar Part No. - 50MT060WHA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060WH IRF-50MT060WH Datasheet
71Kb / 7P
   HALF-BRIDGE IGBT MTP
50MT060WHT IRF-50MT060WHT Datasheet
71Kb / 7P
   HALF-BRIDGE IGBT MTP
logo
Vishay Siliconix
50MT060WHTAPBF VISHAY-50MT060WHTAPBF Datasheet
138Kb / 7P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 01-Mar-10
More results

Similar Description - 50MT060WHA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
50MT060WH IRF-50MT060WH Datasheet
71Kb / 7P
   HALF-BRIDGE IGBT MTP
40MT120UH IRF-40MT120UH Datasheet
678Kb / 13P
   HALF-BRIDGE IGBT MTP UltraFast NPT IGBT
logo
Vishay Siliconix
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF_V01 Datasheet
199Kb / 9P
   “Half Bridge” IGBT MTP, 121 A
01-Jan-2023
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF Datasheet
198Kb / 9P
   “Half Bridge” IGBT MTP, 121 AS
01-Jan-2022
VS-40MT120PHAPBF VISHAY-VS-40MT120PHAPBF_V01 Datasheet
196Kb / 10P
   “Half Bridge” MTP Trench IGBT, 75 A
01-Jan-2023
40MT120UHAPBF VISHAY-40MT120UHAPBF Datasheet
330Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
VS-50MT060WHTAPBF VISHAY-VS-50MT060WHTAPBF Datasheet
154Kb / 6P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 10-Jun-15
40MT120UHAPBF VISHAY-40MT120UHAPBF_13 Datasheet
329Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
50MT060WHTAPBF VISHAY-50MT060WHTAPBF Datasheet
138Kb / 7P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 01-Mar-10
VS-70MT060WHTAPBF VISHAY-VS-70MT060WHTAPBF_V01 Datasheet
210Kb / 9P
   "Half Bridge" IGBT MTP (Warp 2 Speed IGBT), 70 A
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com