Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC43-11SRWA Datasheet(PDF) 3 Page - Kingbright Corporation

Part # SC43-11SRWA
Description  10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

SC43-11SRWA Datasheet(HTML) 3 Page - Kingbright Corporation

  SC43-11SRWA Datasheet HTML 1Page - Kingbright Corporation SC43-11SRWA Datasheet HTML 2Page - Kingbright Corporation SC43-11SRWA Datasheet HTML 3Page - Kingbright Corporation SC43-11SRWA Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAD2270
REV NO: V.9
DATE: MAY/15/2007
PAGE: 3 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301001007
Super Bright Red
SC43-11SRWA


Similar Part No. - SC43-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC43-11EWA KINGBRIGHT-SC43-11EWA Datasheet
183Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC
SC43-11GWA KINGBRIGHT-SC43-11GWA Datasheet
184Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-11YWA KINGBRIGHT-SC43-11YWA Datasheet
183Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SC43-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC43-13YWA KINGBRIGHT-SC43-13YWA Datasheet
202Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-13GWA KINGBRIGHT-SC43-13GWA Datasheet
183Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SA43-11YWA KINGBRIGHT-SA43-11YWA Datasheet
184Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-13SRWA KINGBRIGHT-SC43-13SRWA Datasheet
182Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SA43-13YWA KINGBRIGHT-SA43-13YWA Datasheet
185Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SA43-13GWA KINGBRIGHT-SA43-13GWA Datasheet
184Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SA43-11GWA KINGBRIGHT-SA43-11GWA Datasheet
184Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-13SRWA KINGBRIGHT-SC43-13SRWA_11 Datasheet
207Kb / 6P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SC43-13EWA KINGBRIGHT-SC43-13EWA Datasheet
184Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
SA43-11EWA KINGBRIGHT-SA43-11EWA Datasheet
184Kb / 4P
   10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com