Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PSC23-11YWA Datasheet(PDF) 2 Page - Kingbright Corporation

Part No. PSC23-11YWA
Description  56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KINGBRIGHT [Kingbright Corporation]
Homepage  http://www.us.kingbright.com
Logo 

PSC23-11YWA Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SPEC NO: DSAD2415
REV NO: V.8
DATE:JUN/01/2007
PAGE: 2 OF 6
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN:Z.Z.YANG
ERP: 1311000152
Selection Guide
Part No.
Dice
Lens Type
Iv (ucd) [1]
@ 10mA
Min.
Typ.
PSC23-11YWA
YELLOW (GaAsP/GaP)
WHITE DIFFUSED
1900
8000
Common Cathode, Rt.
Hand Decimal.
Description
Parameter
Yellow
Units
Power dissipation
A1,A2,D1,D2,P,K
150
300
75
mW
B,C,E,F,G,H,J,L,M,N
DP
DC Forward Current
A1,A2,D1,D2,P,K
30
60
30
mA
B,C,E,F,G,H,J,L,M,N
DP
Peak Forward Current [1]
A1,A2,D1,D2,P,K
140
280
140
mA
B,C,E,F,G,H,J,L,M,N
DP
Reverse Voltage
A1,A2,D1,D2,P,K
10
10
5
B,C,E,F,G,H,J,L,M,N
DP
Operating / Storage Temperature
-40°C To +85°C
Lead Solder Temperature [2]
260°C For 3-5 Seconds
V
Electrical / Optical Characteristics at TA=25°C
Absolute Maximum Ratings at TA=25°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Symbol
Parameter
Device
Typ.
Max.
Units
Test Conditions
λpeak
Peak Wavelength
Yellow
590
nm
IF=20mA
λD[1]
Dominant Wavelength
Yellow
588
nm
IF=20mA
Δλ1/2
Spectral Line Half-width
Yellow
35
nm
IF=20mA
C
Capacitance
Yellow
20
pF
VF=0V;f=1MHz
VF[2]
Forward
Voltage
A1,A2,D1,D2,P,K
Yellow
4.2
V
IF=20mA
B,C,E,F,G,H,J,L,M,N
DP
2.1
2.5
IR
Reverse
Current
A1,A2,D1,D2,P,K
Yellow
10
20
10
uA
VR = 10V
VR = 10V
VR = 5V
B,C,E,F,G,H,J,L,M,N
DP
5.0
Note:
1. Luminous Intensity/ Luminous Flux: +/-15%.
Notes:
1. Wavelength: +/-1nm.
2. Forward Voltage: +/-0.1V.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn