Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MC4558 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. MC4558
Description  WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 3 page
background image
ELECTRICAL CHARACTERISTICS
VCC =
±15V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage (RS
≤ 10 kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
15
6
mV
Iio
Input Offset Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
20
100
200
nA
Iib
Input Bias Current
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
400
500
nA
Avd
Large Signal Voltage Gain (VO =
±10V, RL =2kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
50
25
200
V/mV
SVR
Supply Voltage Rejection Ratio (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
77
77
90
dB
ICC
Supply Current, all Amp, no Load
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
2.3
4.5
6
mA
Vicm
Input Common Mode Voltage Range
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
±12
±12
V
CMR
Common-mode Rejection Ratio (RS
≤ 10kΩ)
Tamb =25
oC
Tmin.
≤ Tamb ≤ Tmax.
70
70
90
dB
Ios
Output Short-circuit Current
10
20
40
mA
Vo
Output Voltage Swing
Tamb =25
oCRL = 10k
RL =2k
Tmin.
≤ Tamb ≤ Tmax.
RL = 10k
RL =2k
±12
±10
±12
±10
±14
±13
V
SR
Slew Rate
(VI =
±10V, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain)
1.5
2.2
V/
µs
tr
Rise Time
(VI =
±20mV, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain)
0.3
µs
KOV
Overshoot
(VI =
±20 mV, RL =2kΩ,CL = 100pF, Tamb =25oC, unity gain)
15
%
Ri
Input Resistance
0.3
2
M
Ci
Input Capacitance
1.4
pF
RO
Output Resistance
75
B
Unity Gain Bandwidth
2.8
MHz
GBP
Gain Bandwidth Product
(VI = 10mV, RL =2k
Ω,CL = 100pF, f = 100kHz, Tamb =25oC)
5.5
MHz
THD
Total Harmonic Distortion
(f = 1kHz, Av = 20dB, RL =2k
Ω,Vo =2Vpp,CL = 100pF, Tamb =25oC)
0.008
%
en
Equivalent Input Noise Voltage (f = 1kHz, Rs = 100
Ω)12
nV
√
Hz
VO1/VO2
Channel Separation
120
dB
MC4558
3/7




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TJM4558WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
UPC842BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE SUPPLY VOLTAGE HIGH SPEED WIDE BAND DUAL OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreNEC
LF153WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreSTMicroelectronics
MS2100Rail-to-Rail Output Low Voltage High Slew Rate Wide Bandwidth Dual Operational Amplifiers 1 2 3 4 MOSA ELECTRONICS
LF147Wide Bandwidth Quad JFET Input Operational Amplifiers 1 2 3 4 5 MoreNational Semiconductor (TI)
MC34181Low Power High Slew Rate Wide Bandwidth JFET Input Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
TLC080AFAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreTexas Instruments
AD8610Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers 1 2 3 4 Analog Devices
TLV2620FAMILY OF LOW POER WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS WITH SHUTDOWN 1 2 3 4 5 MoreTexas Instruments
UTCMC34072HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIERS 1 2 3 Unisonic Technologies

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl